Electronic Components Datasheet Search
  English  ▼

X  

NJM3545 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJM3545
Description  UNIVERSAL SINK DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3545 Datasheet(HTML) 5 Page - New Japan Radio

  NJM3545 Datasheet HTML 1Page - New Japan Radio NJM3545 Datasheet HTML 2Page - New Japan Radio NJM3545 Datasheet HTML 3Page - New Japan Radio NJM3545 Datasheet HTML 4Page - New Japan Radio NJM3545 Datasheet HTML 5Page - New Japan Radio NJM3545 Datasheet HTML 6Page - New Japan Radio NJM3545 Datasheet HTML 7Page - New Japan Radio NJM3545 Datasheet HTML 8Page - New Japan Radio NJM3545 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NJM3545
Figure 10. Timing diagram, input vs.
output. V
CC = 24V
Figure 9. Definition of symbols
+
C1
Load
V
IN
IH
IL
V
V
I
I
IN I IH
IL
V
I
SAT Err
Err
V
V
CC
CE SAT
IOUT
I CC
I
OS
I
OMIN
Fault
Detector
NJM3545
I
OL
Supply
Output
GND
Error
Input
Supply
voltage
Low
High
Input level
Output voltage
V
CC
t
t
phl
of
Low
High
Input level
Output voltage
V
CC
t
t
plh
or
10 %
50 %
90 %
50 %
50 %
10 %
90 %
50 %
ON
OFF
s ABSOLUTE MAXIMUM RATINGS
Parameter
Pin no.
Symbol
Min
Max
Unit
Voltage
Supply voltage
1
V
CC
045
V
Logic input voltage
5
V
IN
-0.3
V
CC
V
Current
Logic input current
5
I
IN
-10
-
mA
Continuous DC Operation output current TO-220
2
I
OUT
-
2000
mA
Error output current
4
I
ERR
-10
mA
Temperature
Operating junction temperature (internally limited)
T
J
-
+140
°C
Storage temperature
T
S
-40
+150
°C
Power Dissipation (Package Data)
Power dissipation at T
Case = 85°C, TO-220 package
P
D
-11
W
ESD
ESD tolerance (Note 2)
2000
-
V
s RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
V
CC
4.75
-
40
V
Output current TO-220
I
OUT
-
-
2000
mA
Operating junction temperature
T
j
-40
-
+100
°C
Error output current
I
Err
-5
8
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com