Electronic Components Datasheet Search
  English  ▼

X  

NJM3545 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJM3545
Description  UNIVERSAL SINK DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3545 Datasheet(HTML) 6 Page - New Japan Radio

  NJM3545 Datasheet HTML 1Page - New Japan Radio NJM3545 Datasheet HTML 2Page - New Japan Radio NJM3545 Datasheet HTML 3Page - New Japan Radio NJM3545 Datasheet HTML 4Page - New Japan Radio NJM3545 Datasheet HTML 5Page - New Japan Radio NJM3545 Datasheet HTML 6Page - New Japan Radio NJM3545 Datasheet HTML 7Page - New Japan Radio NJM3545 Datasheet HTML 8Page - New Japan Radio NJM3545 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NJM3545
Notes:
1. Currents are defined positive if flowing into, and negative if flowing out of a terminal. Voltages are defined
between terminal and ground.
2. ESD testing according to Human Body Model (C
Zap = 100 pF, RZap = 1500 Ω)
s ELECTRICAL CHARACTERISTICS
At 5 V
≤ V
CC ≤ 40 V, -40°C ≤ TJ ≤ +100°C. Typical values are given at VCC = 24 V, TJ = 25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Uni
General
Supply current
I
CC
0
≤ V
IN ≤ 0.8
1.5
4
7
mA
Thermal shutdown
T
JS
-
+130
-
°C
Logic input
High level input voltage
V
IH
2.0
-
V
CC
V
Low level input voltage
V
IL
-0.3
-
0.8
V
High level input current
I
IH
2.0
≤ V
IN ≤ VCC
-9
20
µA
Low level input current
I
IH
0
≤ V
IN ≤ 0.8
-400
-
-
µA
Outputs
Error output saturation voltage
V
Err SAT
I
Err = 5 mA
-
0.2
1
V
Output saturation voltage
V
CE SAT
I
OUT = 2
A
-
1.4
1.8
V
Output current shutdown
I
OS
2.0
≤ V
IN ≤ VCC
2.0
3.2
4.5
A
Output current
I
OMIN
2.0
≤ V
IN ≤ VCC
0.5
2
8
mA
(not detected as open circuit)
Output leakage current
I
OL
0 V
≤ V
IN ≤0.8 V. Output = 0 V
-8
-6
-2
µA
Clamping diode forward voltage
I
F = 2.0 A
-
1.5
1.8
V
Timing
Propagation time
I
OUT = 2 A
Output high to low (50%),
t
phl
-
1.5
3.0
µs
Output low to high (50%),
t
plh
-
0.5
1.0
µs
Rise time (10 to 90%),
t
or
-
0.2
0.5
µs
Fall time (90 to 10%),
t
of
-
0.2
0.5
µs
s THERMAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Thermal resistance
Rth
j-c
TO-220 package, junction to case
-
5
-
°C/W
Rth
J-A
TO-220 package, junction to ambient
-
60
-
°C/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com