Electronic Components Datasheet Search
  English  ▼

X  

NJM3545 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJM3545
Description  UNIVERSAL SINK DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3545 Datasheet(HTML) 4 Page - New Japan Radio

  NJM3545 Datasheet HTML 1Page - New Japan Radio NJM3545 Datasheet HTML 2Page - New Japan Radio NJM3545 Datasheet HTML 3Page - New Japan Radio NJM3545 Datasheet HTML 4Page - New Japan Radio NJM3545 Datasheet HTML 5Page - New Japan Radio NJM3545 Datasheet HTML 6Page - New Japan Radio NJM3545 Datasheet HTML 7Page - New Japan Radio NJM3545 Datasheet HTML 8Page - New Japan Radio NJM3545 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NJM3545
A logic-level change at the input will reset the internal error latch. If the fault still is present at turn-on, the circuit
will once again turn the output off.
Due to a slight delay in the circuit, a high current transient will occur when the output is shorted to V
cc. This
current transient may reach 8 A during 5
µs. Consequently, switching at high frequencies with a shorted output
may destroy the circuit. If a short circuit condition is detected, stop switching the input and remove fault condition.
Thermal protection
The output of NJM3545 is equipped with a thermal shut-down function, that turns the outputs off at a chip (junction)
tenperature above typically 130
°C.
Normal operation is resumed when the temperature has decreased about 20C.
Error functions
The Error indicating signal occurs on a separate pin. The complete error table is shown in figure 7.
The following conditions generate an error signal:
When the driver is activated and at least one of the following conditions has occurred:
•
thermal overload
•
short circuit to GND
•
short circuit to V
CC
•
open circuit
An output current less than 8 mA might be detected as “open circuit”. Output currents larger than 8 mA and
less than 2 A will definitely not generate an error. The normal operational area is shown in figure 3.
Also when the driver is inactivated an Error indication can occur. That is if the output is shorted to GND. In figure
4 short circuit to GND Error state versus output voltage is shown.
When the Error-detection function is activated, the Error output is capable of sinking 8 mA, supporting direct
connection of an LED. The current has to be externally limited by a series resistor.
Signal diagrams
The signal diagram in figure 8 shows the input signal and the resulting output signals for each error mode. For
details, see error table, figure 7.
V
IN = Input voltage. Active = HIGH.
V
OUT = Output voltage.
I
OUT = Output current from driver.
V
ERR = Error output voltage.
Error = LOW.
Figure 8. Signal diagram
V
I
OUT
Err
V
IN
V
OUT
Normal
operation
Overload or
short circuit
Short circuit
to GND
Open circuit
Over
temperature
*
>130
° <120°
*Undefined
level



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com