Electronic Components Datasheet Search
  English  ▼

X  

AM1806 Datasheet(PDF) 109 Page - Texas Instruments

Click here to check the latest version.
Part # AM1806
Description  AM1806 ARM짰 Microprocessor
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1806 Datasheet(HTML) 109 Page - Texas Instruments

Back Button AM1806 Datasheet HTML 105Page - Texas Instruments AM1806 Datasheet HTML 106Page - Texas Instruments AM1806 Datasheet HTML 107Page - Texas Instruments AM1806 Datasheet HTML 108Page - Texas Instruments AM1806 Datasheet HTML 109Page - Texas Instruments AM1806 Datasheet HTML 110Page - Texas Instruments AM1806 Datasheet HTML 111Page - Texas Instruments AM1806 Datasheet HTML 112Page - Texas Instruments AM1806 Datasheet HTML 113Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 245 page
background image
A1
A1
X
Y
OFFSET
RecommendedDDR2/mDDR
DeviceOrientation
Y
Y
OFFSET
DDR2/mDDR
Device
AM1806
www.ti.com
SPRS658F – FEBRUARY 2010 – REVISED MARCH 2014
6.11.3.4 Placement
Figure 6-17 shows the required placement for the device as well as the DDR2/mDDR devices. The
dimensions for Figure 6-18 are defined in Table 6-28. The placement does not restrict the side of the PCB
that the devices are mounted on. The ultimate purpose of the placement is to limit the maximum trace
lengths and allow for proper routing space. For single-memory DDR2/mDDR systems, the second
DDR2/mDDR device is omitted from the placement.
Figure 6-18. Device and DDR2/mDDR Device Placement
Table 6-28. Placement Specifications(1)(2)
NO.
PARAMETER
MIN
MAX
UNIT
1
X
1750
Mils
2
Y
1280
Mils
3
Y Offset
(3)650
Mils
4
Clearance from non-DDR2/mDDR signal to DDR2/mDDR Keepout Region(4)
4
w(5)
(1)
See Figure 6-18 for dimension definitions.
(2)
Measurements from center of device to center of DDR2/mDDR device.
(3)
For single memory systems it is recommended that Y Offset be as small as possible.
(4)
Non-DDR2/mDDR signals allowed within DDR2/mDDR keepout region provided they are separated from DDR2/mDDR routing layers by
a ground plane.
(5)
w = PCB trace width as defined in Table 6-27.
Copyright © 2010–2014, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
109
Submit Documentation Feedback
Product Folder Links: AM1806



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com