Electronic Components Datasheet Search
  English  ▼

X  

AM1806 Datasheet(PDF) 157 Page - Texas Instruments

Click here to check the latest version.
Part # AM1806
Description  AM1806 ARM짰 Microprocessor
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1806 Datasheet(HTML) 157 Page - Texas Instruments

Back Button AM1806 Datasheet HTML 153Page - Texas Instruments AM1806 Datasheet HTML 154Page - Texas Instruments AM1806 Datasheet HTML 155Page - Texas Instruments AM1806 Datasheet HTML 156Page - Texas Instruments AM1806 Datasheet HTML 157Page - Texas Instruments AM1806 Datasheet HTML 158Page - Texas Instruments AM1806 Datasheet HTML 159Page - Texas Instruments AM1806 Datasheet HTML 160Page - Texas Instruments AM1806 Datasheet HTML 161Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 245 page
background image
AM1806
www.ti.com
SPRS658F – FEBRUARY 2010 – REVISED MARCH 2014
Table 6-76. Additional(1) SPI1 Slave Timings, 5-Pin Option(2)(3)
1.3V, 1.2V
1.1V
1.0V
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
Required delay from SPI1_SCS asserted at slave to
25
td(SCSL_SPC)S
P+1.5
P+1.5
P+1.5
ns
first SPI1_CLK edge at slave.
Polarity = 0, Phase = 0,
0.5M+P+4
0.5M+P+5
0.5M+P+6
from SPI1_CLK falling
Polarity = 0, Phase = 1,
P+4
P+5
P+6
Required delay from final
from SPI1_CLK falling
26
td(SPC_SCSH)S
SPI1_CLK edge before
ns
Polarity = 1, Phase = 0,
SPI1_SCS is deasserted.
0.5M+P+4
0.5M+P+5
0.5M+P+6
from SPI1_CLK rising
Polarity = 1, Phase = 1,
P+4
P+5
P+6
from SPI1_CLK rising
tena(SCSL_SOMI)
Delay from master asserting SPI1_SCS to slave
27
P+15
P+17
P+19
ns
S
driving SPI1_SOMI valid
Delay from master deasserting SPI1_SCS to slave 3-
28
tdis(SCSH_SOMI)S
P+15
P+17
P+19
ns
stating SPI1_SOMI
Delay from master deasserting SPI1_SCS to slave
29
tena(SCSL_ENA)S
15
17
19
ns
driving SPI1_ENA valid
Polarity = 0, Phase = 0,
2.5P+15
2.5P+17
2.5P+19
from SPI1_CLK falling
Polarity = 0, Phase = 1,
Delay from final clock
2.5P+15
2.5P+17
2.5P+19
from SPI1_CLK rising
receive edge on SPI1_CLK
30
tdis(SPC_ENA)S
ns
to slave 3-stating or driving
Polarity = 1, Phase = 0,
2.5P+15
2.5P+17
2.5P+19
high SPI1_ENA.(4)
from SPI1_CLK rising
Polarity = 1, Phase = 1,
2.5P+15
2.5P+17
2.5P+19
from SPI1_CLK falling
(1)
These parameters are in addition to the general timings for SPI slave modes (Table 6-70).
(2)
P = SYSCLK2 period; M = tc(SPC)M (SPI master bit clock period)
(3)
Figure shows only Polarity = 0, Phase = 0 as an example. Table gives parameters for all four slave clocking modes.
(4)
SPI1_ENA is driven low after the transmission completes if the SPIINT0.ENABLE_HIGHZ bit is programmed to 0. Otherwise it is tri-
stated. If tri-stated, an external pullup resistor should be used to provide a valid level to the master. This option is useful when tying
several SPI slave devices to a single master.
Copyright © 2010–2014, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
157
Submit Documentation Feedback
Product Folder Links: AM1806



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com