Electronic Components Datasheet Search
  English  ▼

X  

AM1806 Datasheet(PDF) 206 Page - Texas Instruments

Click here to check the latest version.
Part # AM1806
Description  AM1806 ARM짰 Microprocessor
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1806 Datasheet(HTML) 206 Page - Texas Instruments

Back Button AM1806 Datasheet HTML 202Page - Texas Instruments AM1806 Datasheet HTML 203Page - Texas Instruments AM1806 Datasheet HTML 204Page - Texas Instruments AM1806 Datasheet HTML 205Page - Texas Instruments AM1806 Datasheet HTML 206Page - Texas Instruments AM1806 Datasheet HTML 207Page - Texas Instruments AM1806 Datasheet HTML 208Page - Texas Instruments AM1806 Datasheet HTML 209Page - Texas Instruments AM1806 Datasheet HTML 210Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 245 page
background image
VP_CLKIN0/1
VP_DINx/FIELD/
HSYNC/VSYNC
1
2
VP_CLKINx
2
3
1
4
4
AM1806
SPRS658F – FEBRUARY 2010 – REVISED MARCH 2014
www.ti.com
6.23.2 VPIF Electrical Data/Timing
Table 6-97. Timing Requirements for VPIF VP_CLKINx Inputs(1) (see Figure 6-65)
1.3V, 1.2V
1.1V
1.0V
NO.
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
Cycle time, VP_CLKIN0
13.3
20
37
ns
1
tc(VKI)
Cycle time, VP_CLKIN1/2/3
13.3
20
37
ns
2
tw(VKIH)
Pulse duration, VP_CLKINx high
0.4C
0.4C
0.4C
ns
3
tw(VKIL)
Pulse duration, VP_CLKINx low
0.4C
0.4C
0.4C
ns
4
tt(VKI)
Transition time, VP_CLKINx
5
5
5
ns
(1)
C = VP_CLKINx period in ns.
Figure 6-65. Video Port Capture VP_CLKINx Timing
Table 6-98. Timing Requirements for VPIF Channels 0/1 Video Capture Data and Control Inputs
(see Figure 6-66)
1.3V
1.2V
1.1V
1.0V
NO.
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
Setup time, VP_DINx valid before
1
tsu(VDINV-VKIH)
4
4
6
7
ns
VP_CLKIN0/1 high
Hold time, VP_DINx valid after
2
th(VKIH-VDINV)
0.5
0
0
0
ns
VP_CLKIN0/1 high
Figure 6-66. VPIF Channels 0/1 Video Capture Data and Control Input Timing
206
Peripheral Information and Electrical Specifications
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM1806



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com