Electronic Components Datasheet Search
  English  ▼

X  

AM1806 Datasheet(PDF) 203 Page - Texas Instruments

Click here to check the latest version.
Part # AM1806
Description  AM1806 ARM짰 Microprocessor
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1806 Datasheet(HTML) 203 Page - Texas Instruments

Back Button AM1806 Datasheet HTML 199Page - Texas Instruments AM1806 Datasheet HTML 200Page - Texas Instruments AM1806 Datasheet HTML 201Page - Texas Instruments AM1806 Datasheet HTML 202Page - Texas Instruments AM1806 Datasheet HTML 203Page - Texas Instruments AM1806 Datasheet HTML 204Page - Texas Instruments AM1806 Datasheet HTML 205Page - Texas Instruments AM1806 Datasheet HTML 206Page - Texas Instruments AM1806 Datasheet HTML 207Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 245 page
background image
AM1806
www.ti.com
SPRS658F – FEBRUARY 2010 – REVISED MARCH 2014
6.23 Video Port Interface (VPIF)
The Video Port Interface (VPIF) allows the capture and display of digital video streams. Features include:
•
Up to 2 Video Capture Channels (Channel 0 and Channel 1)
–
Two 8-bit Standard-Definition (SD) Video with embedded timing codes (BT.656)
–
Single 16-bit High-Definition (HD) Video with embedded timing codes (BT.1120)
–
Single Raw Video (8-/10-/12-bit)
•
Up to 2 Video Display Channels (Channel 2 and Channel 3)
–
Two 8-bit SD Video Display with embedded timing codes (BT.656)
–
Single 16-bit HD Video Display with embedded timing codes (BT.1120)
The VPIF capture channel input data format is selectable based on the settings of the specific Channel
Control Register (Channels 0–3). The VPIF Raw Video data-bus width is selectable based on the settings
of the Channel 0 Control Register.
6.23.1 VPIF Register Descriptions
Table 6-96 shows the VPIF registers.
Table 6-96. Video Port Interface (VPIF) Registers
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
0x01E1 7000
PID
Peripheral identification register
0x01E1 7004
CH0_CTRL
Channel 0 control register
0x01E1 7008
CH1_CTRL
Channel 1 control register
0x01E1 700C
CH2_CTRL
Channel 2 control register
0x01E1 7010
CH3_CTRL
Channel 3 control register
0x01E1 7014 - 0x01E1 701F
-
Reserved
0x01E1 7020
INTEN
Interrupt enable
0x01E1 7024
INTENSET
Interrupt enable set
0x01E1 7028
INTENCLR
Interrupt enable clear
0x01E1 702C
INTSTAT
Interrupt status
0x01E1 7030
INTSTATCLR
Interrupt status clear
0x01E1 7034
EMU_CTRL
Emulation control
0x01E1 7038
DMA_SIZE
DMA size control
0x01E1 703C - 0x01E1 703F
-
Reserved
CAPTURE CHANNEL 0 REGISTERS
0x01E1 7040
CH0_TY_STRTADR
Channel 0 Top Field luma buffer start address
0x01E1 7044
CH0_BY_STRTADR
Channel 0 Bottom Field luma buffer start address
0x01E1 7048
CH0_TC_STRTADR
Channel 0 Top Field chroma buffer start address
0x01E1 704C
CH0_BC_STRTADR
Channel 0 Bottom Field chroma buffer start address
0x01E1 7050
CH0_THA_STRTADR
Channel 0 Top Field horizontal ancillary data buffer start address
0x01E1 7054
CH0_BHA_STRTADR
Channel 0 Bottom Field horizontal ancillary data buffer start address
0x01E1 7058
CH0_TVA_STRTADR
Channel 0 Top Field vertical ancillary data buffer start address
0x01E1 705C
CH0_BVA_STRTADR
Channel 0 Bottom Field vertical ancillary data buffer start address
0x01E1 7060
CH0_SUBPIC_CFG
Channel 0 sub-picture configuration
0x01E1 7064
CH0_IMG_ADD_OFST
Channel 0 image data address offset
0x01E1 7068
CH0_HA_ADD_OFST
Channel 0 horizontal ancillary data address offset
0x01E1 706C
CH0_HSIZE_CFG
Channel 0 horizontal data size configuration
0x01E1 7070
CH0_VSIZE_CFG0
Channel 0 vertical data size configuration (0)
0x01E1 7074
CH0_VSIZE_CFG1
Channel 0 vertical data size configuration (1)
0x01E1 7078
CH0_VSIZE_CFG2
Channel 0 vertical data size configuration (2)
0x01E1 707C
CH0_VSIZE
Channel 0 vertical image size
Copyright © 2010–2014, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
203
Submit Documentation Feedback
Product Folder Links: AM1806



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com