Electronic Components Datasheet Search
  English  ▼

X  

AM1806 Datasheet(PDF) 214 Page - Texas Instruments

Click here to check the latest version.
Part # AM1806
Description  AM1806 ARM짰 Microprocessor
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1806 Datasheet(HTML) 214 Page - Texas Instruments

Back Button AM1806 Datasheet HTML 210Page - Texas Instruments AM1806 Datasheet HTML 211Page - Texas Instruments AM1806 Datasheet HTML 212Page - Texas Instruments AM1806 Datasheet HTML 213Page - Texas Instruments AM1806 Datasheet HTML 214Page - Texas Instruments AM1806 Datasheet HTML 215Page - Texas Instruments AM1806 Datasheet HTML 216Page - Texas Instruments AM1806 Datasheet HTML 217Page - Texas Instruments AM1806 Datasheet HTML 218Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 245 page
background image
AM1806
SPRS658F – FEBRUARY 2010 – REVISED MARCH 2014
www.ti.com
6.25.2 Enhanced Pulse Width Modulator (eHRPWM) Timing
PWM refers to PWM outputs on eHRPWM1-6. Table 6-104 shows the PWM timing requirements and
Table 6-105, switching characteristics.
Table 6-104. Timing Requirements for eHRPWM
TEST
1.3V, 1.2V, 1.1V, 1.0V
UNIT
CONDITIONS
MIN
MAX
tw(SYNCIN)
Sync input pulse width
Asynchronous
2tc(SCO)
cycles
Synchronous
2tc(SCO)
cycles
Table 6-105. Switching Characteristics Over Recommended Operating Conditions for eHRPWM
PARAMETER
TEST
1.3V, 1.2V
1.1V
1.0V
UNIT
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
tw(PWM)
Pulse duration,
ns
20
20
26.6
PWMx output high/low
tw(SYNCOUT)
Sync output
cycles
8tc(SCO)
8tc(SCO)
8tc(SCO)
pulse width
td(PWM)TZA
Delay time, trip input
no pin load; no
ns
active to PWM forced high
additional
Delay time,
programmable
25
25
25
trip input active to PWM
delay
forced low
td(TZ-PWM)HZ
Delay time,
no additional
ns
trip input active to PWM Hi-Z
programmable
20
20
20
delay
214
Peripheral Information and Electrical Specifications
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM1806



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com