Electronic Components Datasheet Search
  English  ▼

X  

AM1806 Datasheet(PDF) 215 Page - Texas Instruments

Click here to check the latest version.
Part # AM1806
Description  AM1806 ARM짰 Microprocessor
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1806 Datasheet(HTML) 215 Page - Texas Instruments

Back Button AM1806 Datasheet HTML 211Page - Texas Instruments AM1806 Datasheet HTML 212Page - Texas Instruments AM1806 Datasheet HTML 213Page - Texas Instruments AM1806 Datasheet HTML 214Page - Texas Instruments AM1806 Datasheet HTML 215Page - Texas Instruments AM1806 Datasheet HTML 216Page - Texas Instruments AM1806 Datasheet HTML 217Page - Texas Instruments AM1806 Datasheet HTML 218Page - Texas Instruments AM1806 Datasheet HTML 219Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 245 page
background image
PWM(A)
TZ
tw(TZ)
td(TZ-PWM)HZ
AM1806
www.ti.com
SPRS658F – FEBRUARY 2010 – REVISED MARCH 2014
6.25.3 Trip-Zone Input Timing
A.
PWM refers to all the PWM pins in the device. The state of the PWM pins after TZ is taken high depends on the PWM
recovery software.
Figure 6-71. PWM Hi-Z Characteristics
Table 6-106. Trip-Zone input Timing Requirements
TEST CONDITIONS
1.3V, 1.2V, 1.1V, 1.0V
UNIT
MIN
MAX
tw(TZ)
Pulse duration, TZx input low
Asynchronous
1tc(SCO)
cycles
Synchronous
2tc(SCO)
cycles
Copyright © 2010–2014, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
215
Submit Documentation Feedback
Product Folder Links: AM1806



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com