Electronic Components Datasheet Search
  English  ▼

X  

AM1806 Datasheet(PDF) 237 Page - Texas Instruments

Click here to check the latest version.
Part # AM1806
Description  AM1806 ARM짰 Microprocessor
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1806 Datasheet(HTML) 237 Page - Texas Instruments

Back Button AM1806 Datasheet HTML 233Page - Texas Instruments AM1806 Datasheet HTML 234Page - Texas Instruments AM1806 Datasheet HTML 235Page - Texas Instruments AM1806 Datasheet HTML 236Page - Texas Instruments AM1806 Datasheet HTML 237Page - Texas Instruments AM1806 Datasheet HTML 238Page - Texas Instruments AM1806 Datasheet HTML 239Page - Texas Instruments AM1806 Datasheet HTML 240Page - Texas Instruments AM1806 Datasheet HTML 241Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 245 page
background image
X
AM1806
( )
ZWT
( )
3
PREFIX
X = Experimental Device
DEVICE
SILICON REVISION
3 = 375 MHz
Blank = 0°C to 90°C (Commercial Grade)
PACKAGE TYPE
361 Pin Plastic BGA, with Pb-free
Soldered Balls [Green], 0.65-mm Ball Pitch
ZCE =
DEVICE SPEED RANGE
TEMPERATURE RANGE (JUNCTION)
B = Silicon Revision 2.0 or 2.1
E = Silicon Revision 2.3
D = -40°C to 90°C (Industrial Grade)
361 Pin Plastic BGA, with Pb-free
Soldered Balls [Green], 0.80-mm Ball Pitch
ZWT =
A = -40°C to 105°C (Extended Grade)
4 = 456 MHz
P = Prototype Device
Blank = Production Device
(B)
(A)
AM1806
www.ti.com
SPRS658F – FEBRUARY 2010 – REVISED MARCH 2014
A.
BGA = Ball Grid Array
B.
Parts marked revision B are silicon revision 2.1 if '21' is marked on the package, and silicon revision 2.0 if there is no
'21' marking.
Figure 7-1. Device Nomenclature
7.2
Documentation Support
The following documents describe the device. Copies of these documents are available on the Internet at
www.ti.com. Tip: Enter the literature number in the search box provided at www.ti.com.
Reference Guides
SPRUGU4
AM1806 ARM Microprocessor System Reference Guide
SPRUFU0
AM17x/AM18x ARM Microprocessor Peripherals Overview Reference Guide
7.3
Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the
respective contributors. They do not constitute TI specifications and do not necessarily reflect TI's views;
see TI's Terms of Use.
TI E2E™ Online Community
TI's
Engineer-to-Engineer
(E2E)
Community.
Created
to
foster
collaboration among engineers. At e2e.ti.com, you can ask questions, share knowledge,
explore ideas and help solve problems with fellow engineers.
TI Embedded Processors Wiki Texas Instruments Embedded Processors Wiki. Established to help
developers get started with Embedded Processors from Texas Instruments and to foster
innovation and growth of general knowledge about the hardware and software surrounding
these devices.
7.4
Trademarks
E2E is a trademark of Texas Instruments.
ARM926EJ-S is a trademark of ARM Ltd.
ARM is a registered trademark of ARM Ltd.
Windows is a registered trademark of Microsoft.
I2C Bus is a trademark of Phillips.
All other trademarks are the property of their respective owners.
Copyright © 2010–2014, Texas Instruments Incorporated
Device and Documentation Support
237
Submit Documentation Feedback
Product Folder Links: AM1806



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com