Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 256 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 256 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 252Page - Texas Instruments AM4376 Datasheet HTML 253Page - Texas Instruments AM4376 Datasheet HTML 254Page - Texas Instruments AM4376 Datasheet HTML 255Page - Texas Instruments AM4376 Datasheet HTML 256Page - Texas Instruments AM4376 Datasheet HTML 257Page - Texas Instruments AM4376 Datasheet HTML 258Page - Texas Instruments AM4376 Datasheet HTML 259Page - Texas Instruments AM4376 Datasheet HTML 260Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
7
Mechanical Packaging and Orderable Information
7.1
Via Channel
The ZDN package has been specially engineered with Via Channel technology. This technology allows
larger than normal PCB via and trace sizes and reduced PCB signal layers to be used in a PCB design
with the 0.65-mm pitch package, and substantially reduces PCB costs. It allows PCB routing in only two
signal layers (four layers total) due to the increased layer efficiency of the Via Channel BGA technology.
NOTE
Via Channel technology implemented on the this package makes it possible to build a
product with a 4-layer PCB, but a 4-layer PCB may not meet system performance goals.
Therefore, system performance using a 4-layer PCB design must be evaluated during
product design.
7.2
Packaging Information
The following packaging information and addendum reflect the most current data available for the
designated device. This data is subject to change without notice and without revision of this document.
The following figure is a preliminary package drawing for the ZDN package option.
Note: The ZDN package is shown with a 17-mm × 17-mm array of 491 solder balls with 0.65-mm pitch,
with via channel array (VCA) technology.
256
Mechanical Packaging and Orderable Information
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com