Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 254 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 254 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 250Page - Texas Instruments AM4376 Datasheet HTML 251Page - Texas Instruments AM4376 Datasheet HTML 252Page - Texas Instruments AM4376 Datasheet HTML 253Page - Texas Instruments AM4376 Datasheet HTML 254Page - Texas Instruments AM4376 Datasheet HTML 255Page - Texas Instruments AM4376 Datasheet HTML 256Page - Texas Instruments AM4376 Datasheet HTML 257Page - Texas Instruments AM4376 Datasheet HTML 258Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 261 page
background image
ARM Cortex-A9 MPU:
AM4376
AM4379
AM4377
AM4378
DEVICE
(A)
PREFIX
AM4379
X = Experimental device
Blank = Qualified device
ZDN
PACKAGE TYPE
(B)
ZDN = 491-pin plastic BGA, with Pb-free solder balls
DEVICE SPEED RANGE
80 = 800-MHz Cortex-A9
100 = 1000-MHz Cortex-A9
(
)
TEMPERATURE RANGE
Blank = 0°C to 90°C (commercial junction temperature)
A = -40
extended junction temperature)
D = -40
industrial junction temperature)
°C to 105°C (
°C to 90°C (
(
)
A
DEVICE REVISION CODE
A = silicon revision 1.1
B = silicon revision 1.2
X
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
Predictions show that prototype devices (X or P) have a greater failure rate than the standard production
devices. Texas Instruments recommends that these devices not be used in any production system
because their expected end-use failure rate still is undefined. Only qualified production devices are to be
used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the
package type (for example, ZDN), the temperature range (for example, blank is the default commercial
temperature range), and the device speed range, in megahertz (for example, 80 is 800 MHz). Figure 6-1
provides a legend for reading the complete device name for any device.
For orderable part numbers of AM437x devices in the ZDN package type, see the Package Option
Addendum of this document, the TI website (www.ti.com), or contact your TI sales representative.
For additional description of the device nomenclature markings on the die, see the Sitara AM437x Cortex-
A9 Processors Silicon Errata (SPRZ408).
A.
The device shown in this device nomenclature example is one of several valid part numbers for this family of devices.
For orderable device part numbers, see the Package Option Addendum of this document.
B.
BGA = Ball Grid Array.
Figure 6-1. Device Nomenclature
6.2
Documentation Support
The following documents describe the processor. Copies of these documents are available on the Internet
at www.ti.com.
The current documentation that describes the device, related peripherals, and other technical collateral, is
available in the product folder at: www.ti.com.
SPRUHL7
AM437x Sitara Processors Technical Reference Manual. Collection of documents providing
detailed information on the device including power, reset, and clock control, interrupts,
memory map, and switch fabric interconnect. Detailed information on the microprocessor unit
(MPU) subsystem as well as a functional description of the peripherals supported is also
included.
SPRZ408
AM437x Sitara Processors Silicon Errata. Describes the known exceptions to the
functional specifications for this microprocessor.
The following documents are related to the processor. Copies of these documents can be obtained
directly from the internet or from your Texas Instruments representative. To determine the revision of the
Cortex-A9 core used on your device, see the AM437x Sitara Processors Silicon Errata (SPRZ408).
Cortex®-A9 Technical Reference Manual. This is the technical reference manual for the Cortex-A9
processor. A copy of this document can be obtained via the internet at http://infocenter.arm.com.
ARM® Core Cortex®-A9 (AT400/AT401) Errata Notice. Provides a list of advisories for the different
revisions of the Cortex-A9 processor. For a copy of this document, contact your TI representative.
254
Device and Documentation Support
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com