Electronic Components Datasheet Search
  English  ▼

X  

AM4376 Datasheet(PDF) 250 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 250 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 246Page - Texas Instruments AM4376 Datasheet HTML 247Page - Texas Instruments AM4376 Datasheet HTML 248Page - Texas Instruments AM4376 Datasheet HTML 249Page - Texas Instruments AM4376 Datasheet HTML 250Page - Texas Instruments AM4376 Datasheet HTML 251Page - Texas Instruments AM4376 Datasheet HTML 252Page - Texas Instruments AM4376 Datasheet HTML 253Page - Texas Instruments AM4376 Datasheet HTML 254Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 261 page
background image
Pulse Duration
50%
50%
50%
Pulse Duration
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
5.12.18.2 UART IrDA Interface
The IrDA module operates in three different modes:
•
Slow infrared (SIR) (
≤ 115.2 Kbps)
•
Medium infrared (MIR) (0.576 Mbps and 1.152 Mbps)
•
Fast infrared (FIR) (4 Mbps).
Figure 5-145 illustrates the UART IrDA pulse parameters. Table 5-133 and Table 5-134 list the signaling rates
and pulse durations for UART IrDA receive and transmit modes.
Figure 5-145. UART IrDA Pulse Parameters
Table 5-133. UART IrDA—Signaling Rate and Pulse Duration—Receive Mode
ELECTRICAL PULSE DURATION
SIGNALING RATE
UNIT
MIN
MAX
SIR
2.4 Kbps
1.41
88.55
µs
9.6 Kbps
1.41
22.13
µs
19.2 Kbps
1.41
11.07
µs
38.4 Kbps
1.41
5.96
µs
57.6 Kbps
1.41
4.34
µs
115.2 Kbps
1.41
2.23
µs
MIR
0.576 Mbps
297.2
518.8
ns
1.152 Mbps
149.6
258.4
ns
FIR
4 Mbps (Single pulse)
67
164
ns
4 Mbps (Double pulse)
190
289
ns
250
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com