Electronic Components Datasheet Search
  English  ▼

X  

AM5716 Datasheet(PDF) 162 Page - Texas Instruments

Click here to check the latest version.
Part # AM5716
Description  AM571x SitaraTM Processors
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5716 Datasheet(HTML) 162 Page - Texas Instruments

Back Button AM5716 Datasheet HTML 158Page - Texas Instruments AM5716 Datasheet HTML 159Page - Texas Instruments AM5716 Datasheet HTML 160Page - Texas Instruments AM5716 Datasheet HTML 161Page - Texas Instruments AM5716 Datasheet HTML 162Page - Texas Instruments AM5716 Datasheet HTML 163Page - Texas Instruments AM5716 Datasheet HTML 164Page - Texas Instruments AM5716 Datasheet HTML 165Page - Texas Instruments AM5716 Datasheet HTML 166Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 389 page
background image
AM5716, AM5718
SPRS919I – JUNE 2014 – REVISED OCTOBER 2015
www.ti.com
Table 5-9. Maximum Supported Frequency (continued)
MODULE
CLOCK SOURCES
PLL / OSC /
Clock
Max. Clock
PLL / OSC /
Instance Name
Input Clock Name
PRCM Clock Name
Source Clock
Type
Allowed (MHz)
Source Name
Name
UART3
UART3_FCLK
Func
48
UART3_GFCLK
FUNC_192M_CLK
DPLL_PER
UART3_ICLK
Int
266
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
UART4
UART4_FCLK
Func
48
UART4_GFCLK
FUNC_192M_CLK
DPLL_PER
UART4_ICLK
Int
266
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
UART5
UART5_FCLK
Func
48
UART5_GFCLK
FUNC_192M_CLK
DPLL_PER
UART5_ICLK
Int
266
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
UART6
UART6_FCLK
Func
48
UART6_GFCLK
FUNC_192M_CLK
DPLL_PER
UART6_ICLK
Int
266
IPU_L3_GICLK
CORE_X2_CLK
DPLL_CORE
UART7
UART7_FCLK
Func
48
UART7_GFCLK
FUNC_192M_CLK
DPLL_PER
UART7_ICLK
Int
266
L4PER2_L3_GICLK
CORE_X2_CLK
DPLL_CORE
UART8
UART8_FCLK
Func
48
UART8_GFCLK
FUNC_192M_CLK
DPLL_PER
UART8_ICLK
Int
266
L4PER2_L3_GICLK
CORE_X2_CLK
DPLL_CORE
UART9
UART9_FCLK
Func
48
UART9_GFCLK
FUNC_192M_CLK
DPLL_PER
UART9_ICLK
Int
266
L4PER2_L3_GICLK
CORE_X2_CLK
DPLL_CORE
UART10
UART10_FCLK
Func
48
UART10_GFCLK
FUNC_192M_CLK
DPLL_PER
UART10_ICLK
Int
38.4
WKUPAON_GICLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CL
DPLL_ABE
K
USB1
USB1_MICLK
Int
266
L3INIT_L3_GICLK
CORE_X2_CLK
DPLL_CORE
USB3PHY_REF_C
Func
34.3
USB_LFPS_TX_GFCL
CORE_USB_OTG_
DPLL_CORE
LK
K
SS_LFPS_TX_CLK
USB2PHY1_TREF
Func
38.4
USB_OTG_SS_REF_C
SYS_CLK1
OSC1
_CLK
LK
USB2PHY1_REF_
Func
960
L3INIT_960M_GFCLK
L3INIT_960_GFCL
DPLL_USB
CLK
K
USB2
USB2_MICLK
Int
266
L3INIT_L3_GICLK
CORE_X2_CLK
DPLL_CORE
USB2PHY2_TREF
Func
38.4
USB_OTG_SS_REF_C
SYS_CLK1
OSC1
_CLK
LK
USB2PHY2_REF_
Func
960
L3INIT_960M_GFCLK
L3INIT_960_GFCL
DPLL_USB
CLK
K
USB_PHY1_CORE USB2PHY1_WKUP
Func
0.032
COREAON_32K_GFCL
SYS_32K
RTC Oscillator
_CLK
K
USB_PHY2_CORE USB2PHY2_WKUP
Func
0.032
COREAON_32K_GFCL
SYS_32K
RTC Oscillator
_CLK
K
USB_PHY3_CORE USB3PHY_WKUP_
Func
0.032
COREAON_32K_GFCL
SYS_32K
RTC Oscillator
CLK
K
VCP1
VCP1_CLK
Int
266
L3MAIN1_L3_GICLK
CORE_X2_CLK
DPLL_CORE
VCP2
VCP2_CLK
Int
266
L3MAIN1_L3_GICLK
CORE_X2_CLK
DPLL_CORE
VIP1
L3_CLK_PROC_CL
Int &
266
VIP1_GCLK
CORE_X2_CLK
DPLL_CORE
K
Func
CORE_ISS_MAIN_
DPLL_CORE
CLK
VPE
L3_CLK_PROC_CL
Int &
300
VPE_GCLK
CORE_ISS_MAIN_
DPLL_CORE
K
Func
CLK
VIDEO1_CLKOUT4
DPLL_VIDEO1
WD_TIMER1
PIOCPCLK
Int
38.4
WKUPAON_GICLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CL
DPLL_ABE
K
PITIMERCLK
Func
0.032
OSC_32K_CLK
RC_CLK
RC oscillator
162
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM5716 AM5718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com