Electronic Components Datasheet Search
  English  ▼

X  

AM5716 Datasheet(PDF) 166 Page - Texas Instruments

Click here to check the latest version.
Part # AM5716
Description  AM571x SitaraTM Processors
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5716 Datasheet(HTML) 166 Page - Texas Instruments

Back Button AM5716 Datasheet HTML 162Page - Texas Instruments AM5716 Datasheet HTML 163Page - Texas Instruments AM5716 Datasheet HTML 164Page - Texas Instruments AM5716 Datasheet HTML 165Page - Texas Instruments AM5716 Datasheet HTML 166Page - Texas Instruments AM5716 Datasheet HTML 167Page - Texas Instruments AM5716 Datasheet HTML 168Page - Texas Instruments AM5716 Datasheet HTML 169Page - Texas Instruments AM5716 Datasheet HTML 170Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 389 page
background image
AM5716, AM5718
SPRS919I – JUNE 2014 – REVISED OCTOBER 2015
www.ti.com
Table 5-11. Dual Voltage LVCMOS I2C DC Electrical Characteristics (continued)
PARAMETER
MIN
NOM
MAX
UNIT
IOZ
IOZ(IPAD Current) for BIDI cell. This current is
31
80
µA
contributed by the tristated driver leakage + input
current of the Rx + weak pullup/pulldown leakage.
PAD is swept from 0 to VDDS and the Max(I(PAD))
is measured and is reported as IOZ
CIN
Input capacitance
10
pF
VOL3
Output low-level threshold open-drain at 3-mA
0.4
V
sink current
IOLmin
Low-level output current @VOL=0.4V
3
mA
IOLmin
Low-level output current @VOL=0.6V for full drive
6
mA
load (400pF/400KHz)
tOF
Output fall time from VIHmin to VILmax with a bus
250
ns
capacitance CB from 5 pF to 400 pF
I2C Fast Mode – 3.3 V
VIH
Input high-level threshold
0.7*VDDS
V
VIL
Input low-level threshold
0.3*VDDS
V
Vhys
Hysteresis
0.05*VDDS
V
IIN
Input current at each I/O pin with an input voltage
31
80
µA
between 0.1*VDDS to 0.9*VDDSS
IOZ
IOZ(IPAD Current) for BIDI cell. This current is
31
80
µA
contributed by the tristated driver leakage + input
current of the Rx + weak pullup/pulldown leakage.
PAD is swept from 0 to VDDS and the Max(I(PAD))
is measured and is reported as IOZ
CIN
Input capacitance
10
pF
VOL3
Output low-level threshold open-drain at 3-mA
0.4
V
sink current
IOLmin
Low-level output current @VOL=0.4V
3
mA
IOLmin
Low-level output current @VOL=0.6V for full drive
6
mA
load (400pF/400KHz)
tOF
Output fall time from VIHmin to VILmax with a bus
20+0.1*Cb
250
ns
capacitance CB from 10 pF to 200 pF (Proper
External Resistor Value should be used as per
I2C spec)
Output fall time from VIHmin to VILmax with a bus
40
290
capacitance CB from 300 pF to 400 pF (Proper
External Resistor Value should be used as per
I2C spec)
(1) VDDS in this table stands for corresponding power supply (i.e. vddshv3). For more information on the power supply name and the
corresponding ball, see Table 4-2, POWER [11] column.
5.6.4
IQ1833 Buffers DC Electrical Characteristics
Table 5-12 summarizes the DC electrical characteristics for IQ1833 Buffers.
Table 5-12. IQ1833 Buffers DC Electrical Characteristics
PARAMETER
MIN
NOM
MAX
UNIT
Signal Names in MUXMODE 0: tclk;
Balls: E20;
1.8-V Mode
VIH
Input high-level threshold (Does not meet JEDEC VIH)
0.75 *
V
VDDS
VIL
Input low-level threshold (Does not meet JEDEC VIL)
0.25 *
V
VDDS
166
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM5716 AM5718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com