Electronic Components Datasheet Search
  English  ▼

X  

AM5716 Datasheet(PDF) 169 Page - Texas Instruments

Click here to check the latest version.
Part # AM5716
Description  AM571x SitaraTM Processors
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5716 Datasheet(HTML) 169 Page - Texas Instruments

Back Button AM5716 Datasheet HTML 165Page - Texas Instruments AM5716 Datasheet HTML 166Page - Texas Instruments AM5716 Datasheet HTML 167Page - Texas Instruments AM5716 Datasheet HTML 168Page - Texas Instruments AM5716 Datasheet HTML 169Page - Texas Instruments AM5716 Datasheet HTML 170Page - Texas Instruments AM5716 Datasheet HTML 171Page - Texas Instruments AM5716 Datasheet HTML 172Page - Texas Instruments AM5716 Datasheet HTML 173Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 389 page
background image
AM5716, AM5718
www.ti.com
SPRS919I – JUNE 2014 – REVISED OCTOBER 2015
Table 5-16. BC1833IHHV Buffers DC Electrical Characteristics (continued)
PARAMETER
MIN
NOM
MAX
UNIT
VOH
Output high-level threshold (IOH = 2 mA)
VDDS-
V
0.45
VOL
Output low-level threshold (IOL = 2 mA)
0.45
V
IDRIVE
Pin Drive strength at PAD Voltage = 0.45V or VDDS-0.45V
6
mA
IIN
Input current at each I/O pin
6
12
µA
IOZ
IOZ(IPAD Current) for BIDI cell. This current is contributed by
6
µA
the tristated driver leakage + input current of the Rx + weak
pullup/pulldown leakage. PAD is swept from 0 to VDDS and
the Max(I(PAD)) is measured and is reported as IOZ
CPAD
Pad capacitance (including package capacitance)
4
pF
3.3-V Mode
VOH
Output high-level threshold (IOH =100µA)
VDDS-0.2
V
VOL
Output low-level threshold (IOL = 100µA)
0.2
V
IDRIVE
Pin Drive strength at PAD Voltage = 0.45V or VDDS-0.45V
6
mA
IIN
Input current at each I/O pin
60
µA
IOZ
IOZ(IPAD Current) for BIDI cell. This current is contributed by
60
µA
the tristated driver leakage + input current of the Rx + weak
pullup/pulldown leakage. PAD is swept from 0 to VDDS and
the Max(I(PAD)) is measured and is reported as IOZ
CPAD
Pad capacitance (including package capacitance)
4
pF
5.6.9
USBPHY DC Electrical Characteristics
NOTE
USB1 instance is compliant with the USB3.0 SuperSpeed Transmitter and Receiver
Normative Electrical Parameters as defined in the USB3.0 Specification Rev 1.0 dated Jun 6,
2011.
NOTE
USB1 and USB2 Electrical Characteristics are compliant with USB2.0 Specification Rev 2.0
dated April 27, 2000 including ECNs and Errata as applicable.
5.6.10
Dual Voltage SDIO1833 DC Electrical Characteristics
Table 5-17 summarizes the DC electrical characteristics for SDIO1833 Buffers.
Table 5-17. Dual Voltage SDIO1833 DC Electrical Characteristics
PARAMETER
MIN
NOM
MAX
UNIT
Signal Names in Mode 0: mmc1_clk, mmc1_cmd, mmc1_data[3:0]
Bottom Balls: W6 / Y6 / AA6 / Y4 / AA5 / Y3
1.8-V Mode
VIH
Input high-level threshold
1.27
V
VIL
Input low-level threshold
0.58
V
VHYS
Input hysteresis voltage
50 (2)
mV
IIN
Input current at each I/O pin
30
µA
IOZ
IOZ(IPAD Current) for BIDI cell. This current is contributed by the
30
µA
tristated driver leakage + input current of the Rx + weak
pullup/pulldown leakage. PAD is swept from 0 to VDDS and the
Max(I(PAD)) is measured and is reported as IOZ
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
169
Submit Documentation Feedback
Product Folder Links: AM5716 AM5718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com