Electronic Components Datasheet Search
  English  ▼

X  

AM5716 Datasheet(PDF) 171 Page - Texas Instruments

Click here to check the latest version.
Part # AM5716
Description  AM571x SitaraTM Processors
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5716 Datasheet(HTML) 171 Page - Texas Instruments

Back Button AM5716 Datasheet HTML 167Page - Texas Instruments AM5716 Datasheet HTML 168Page - Texas Instruments AM5716 Datasheet HTML 169Page - Texas Instruments AM5716 Datasheet HTML 170Page - Texas Instruments AM5716 Datasheet HTML 171Page - Texas Instruments AM5716 Datasheet HTML 172Page - Texas Instruments AM5716 Datasheet HTML 173Page - Texas Instruments AM5716 Datasheet HTML 174Page - Texas Instruments AM5716 Datasheet HTML 175Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 389 page
background image
AM5716, AM5718
www.ti.com
SPRS919I – JUNE 2014 – REVISED OCTOBER 2015
Table 5-18. Dual Voltage LVCMOS DC Electrical Characteristics (continued)
PARAMETER
MIN
NOM
MAX
UNIT
IIN with pulldown
Input current at each I/O pin with weak pulldown
50
120
210
µA
enabled
enabled measured when PAD = VDDS
IIN with pullup
Input current at each I/O pin with weak pullup
60
120
200
µA
enabled
enabled measured when PAD = 0
CPAD
Pad capacitance (including package capacitance)
4
pF
ZO
Output impedance (drive strength)
40
Ω
3.3-V Mode
VIH
Input high-level threshold
2
V
VIL
Input low-level threshold
0.8
V
VHYS
Input hysteresis voltage
200
mV
VOH
Output high-level threshold (IOH = 100 µA)
VDDS-0.2
V
VOL
Output low-level threshold (IOL = 100 µA)
0.2
V
IDRIVE
Pin Drive strength at PAD Voltage = 0.45V or
6
mA
VDDS-0.45V
IIN
Input current at each I/O pin
65
µA
IOZ
IOZ(IPAD Current) for BIDI cell. This current is
65
µA
contributed by the tristated driver leakage + input
current of the Rx + weak pullup/pulldown leakage.
PAD is swept from 0 to VDDS and the Max(I(PAD))
is measured and is reported as IOZ
IIN with pulldown
Input current at each I/O pin with weak pulldown
40
100
200
µA
enabled
enabled measured when PAD = VDDS
IIN with pullup
Input current at each I/O pin with weak pullup
10
100
290
µA
enabled
enabled measured when PAD = 0
CPAD
Pad capacitance (including package capacitance)
4
pF
ZO
Output impedance (drive strength)
40
Ω
(1) VDDS in this table stands for corresponding power supply. For more information on the power supply name and the corresponding ball,
see Table 4-2, POWER [11] column.
5.6.12 SATAPHY DC Electrical Characteristics
NOTE
The SATA module is compliant with the electrical parameters specified in the SATA-IO SATA
Specification, Revision 3.2, August 7, 2013.
5.6.13 PCIEPHY DC Electrical Characteristics
NOTE
The PCIe interfaces are compliant with the electrical parameters specified in PCI Express®
Base Specification Revision 2.0.
5.7
Thermal Characteristics
For reliability and operability concerns, the maximum junction temperature of the Device has to be at or
below the TJ value identified in Table 5-4, Recommended Operating Conditions.
It is recommended to perform thermal simulations at the system level with the worst case device power
consumption.
5.7.1
Package Thermal Characteristics
Table 5-19 provides the thermal resistance characteristics for the package used on this device.
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
171
Submit Documentation Feedback
Product Folder Links: AM5716 AM5718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com