Electronic Components Datasheet Search
  English  ▼

X  

AM5716 Datasheet(PDF) 175 Page - Texas Instruments

Click here to check the latest version.
Part # AM5716
Description  AM571x SitaraTM Processors
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5716 Datasheet(HTML) 175 Page - Texas Instruments

Back Button AM5716 Datasheet HTML 171Page - Texas Instruments AM5716 Datasheet HTML 172Page - Texas Instruments AM5716 Datasheet HTML 173Page - Texas Instruments AM5716 Datasheet HTML 174Page - Texas Instruments AM5716 Datasheet HTML 175Page - Texas Instruments AM5716 Datasheet HTML 176Page - Texas Instruments AM5716 Datasheet HTML 177Page - Texas Instruments AM5716 Datasheet HTML 178Page - Texas Instruments AM5716 Datasheet HTML 179Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 389 page
background image
AM5716, AM5718
www.ti.com
SPRS919I – JUNE 2014 – REVISED OCTOBER 2015
- vdda_rtc can be combined with vdds18v
- vdd_rtc can be combined with vdd
- vddshv5 can be combined with other 1.8V or 3.3V vddshvn rails.
If combinations listed above are not followed then sequencing for these 3 voltage rails should follow the RTC mode timing requirements.
(4) vdd must ramp before or at the same time as vdd_mpu, vdd_gpu, vdd_dsp and vdd_iva.
(5) vdd_mpu, vdd_gpu, vdd_dsp, vdd_iva can be ramped at the same time or can be staggered.
(6) If any of the vddshv[1-7,9-11] rails (not including vddshv8) are used as 1.8V only, then these rails can be combined with vdds18v.
(7) vddshv8 is separated out to show support for dual voltage. If single voltage is used then vddshv8 can be combined with other vddshvn
rails but vddshv8 must ramp after vdd.
(8) vdds and vdda rails must not be combined together, with the one exception of vdda_rtc when RTC-mode is not supported.
(9) Pulse duration: rtc_porz must remain low 1ms after all supplies are ramped and stable.
(10) The SYS_32K source must be stable and at a valid frequency 1ms prior to de-asserting rtc_porz high.
(11) Pulse duration: resetn/porz must remain low a minimum of 12P(15) after xi_osc0 is stable and at a valid frequency.
(12) Setup time: sysboot[15:0] pins must be valid 2P(15) before porz and resetn are de-asserted high.
(13) Hold time: sysboot[15:0] pins must be valid 15P(15) after porz and resetn are de-asserted high.
(14) resetn to rstoutn delay is 2ms.
(15) P = 1/(SYS_CLK1/610) frequency in ns.
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
175
Submit Documentation Feedback
Product Folder Links: AM5716 AM5718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com