Electronic Components Datasheet Search
  English  ▼

X  

AM5716 Datasheet(PDF) 178 Page - Texas Instruments

Click here to check the latest version.
Part # AM5716
Description  AM571x SitaraTM Processors
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5716 Datasheet(HTML) 178 Page - Texas Instruments

Back Button AM5716 Datasheet HTML 174Page - Texas Instruments AM5716 Datasheet HTML 175Page - Texas Instruments AM5716 Datasheet HTML 176Page - Texas Instruments AM5716 Datasheet HTML 177Page - Texas Instruments AM5716 Datasheet HTML 178Page - Texas Instruments AM5716 Datasheet HTML 179Page - Texas Instruments AM5716 Datasheet HTML 180Page - Texas Instruments AM5716 Datasheet HTML 181Page - Texas Instruments AM5716 Datasheet HTML 182Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 389 page
background image
AM5716, AM5718
SPRS919I – JUNE 2014 – REVISED OCTOBER 2015
www.ti.com
6
Clock Specifications
NOTE
For more information, see Power, Reset, and Clock Management / PRCM Environment /
External Clock Signal and Power Reset / PRCM Functional Description / PRCM Clock
Manager Functional Description section of the Device TRM.
NOTE
Audio Back End (ABE) module is not supported for this family of devices, but “ABE” name is
still present in some clock or DPLL names.
The device operation requires the following clocks:
•
The 32 kHz frequency is used for low frequency operation. It supplies the wake-up domain for
operation in lowest power mode. This is an optional clock and will be supplied by on chip divider + mux
(FUNC_32K_CLK) incase it is not available on external pin.
•
The system clocks, SYS_CLKIN1(Mandatory) and SYS_CLKIN2(Optional) are the main clock sources
of the device. They supply the reference clock to the DPLLs as well as functional clock to several
modules.
The Device also embeds an internal free-running 32-kHz oscillator that is always active as long as the the
wake-up (WKUP) domain is supplied.
Figure 6-1 shows the external input clock sources and the output clocks to peripherals.
178
Clock Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM5716 AM5718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com