Electronic Components Datasheet Search
  English  ▼

X  

AM5716 Datasheet(PDF) 181 Page - Texas Instruments

Click here to check the latest version.
Part # AM5716
Description  AM571x SitaraTM Processors
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5716 Datasheet(HTML) 181 Page - Texas Instruments

Back Button AM5716 Datasheet HTML 177Page - Texas Instruments AM5716 Datasheet HTML 178Page - Texas Instruments AM5716 Datasheet HTML 179Page - Texas Instruments AM5716 Datasheet HTML 180Page - Texas Instruments AM5716 Datasheet HTML 181Page - Texas Instruments AM5716 Datasheet HTML 182Page - Texas Instruments AM5716 Datasheet HTML 183Page - Texas Instruments AM5716 Datasheet HTML 184Page - Texas Instruments AM5716 Datasheet HTML 185Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 389 page
background image
vssa_osc0
Device
xo_osc0
xi_osc0
NC
SPRS906_CLK_04
AM5716, AM5718
www.ti.com
SPRS919I – JUNE 2014 – REVISED OCTOBER 2015
Table 6-1. OSC0 Crystal Electrical Characteristics (continued)
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
ESR = 30
Ω
19.2 MHz, 20 MHz, 27 MHz
7
pF
ESR = 40
Ω
19.2 MHz, 20 MHz
7
pF
ESR = 50
Ω
27 MHz
5
pF
19.2 MHz, 20 MHz
7
pF
ESR = 60
Ω
CO
Crystal shunt capacitance
27 MHz
Not Supported
-
19.2 MHz, 20 MHz
5
pF
ESR = 80
Ω
27 MHz
Not Supported
-
19.2 MHz, 20 MHz
3
pF
ESR = 100
Ω
27 MHz
Not Supported
-
LM
Crystal motional inductance for fp = 20 MHz
10.16
mH
CM
Crystal motional capacitance
3.42
fF
Ethernet not used
±200
Ethernet RGMII and RMII
±50
tj(xiosc0)
Frequency accuracy (1), xi_osc0
using derived clock
ppm
Ethernet MII using derived
±100
clock
(1) Crystal characteristics should account for tolerance+stability+aging.
When selecting a crystal, the system design must take into account the temperature and aging
characteristics of a crystal versus the user environment and expected lifetime of the system.
Table 6-2 details the switching characteristics of the oscillator and the requirements of the input clock.
Table 6-2. Oscillator Switching Characteristics—Crystal Mode
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
fp
Oscillation frequency
19.2, 20, 27 MHz
MHz
tsX
Start-up time
4
ms
6.1.2.2
OSC0 Input Clock
A 1.8-V LVCMOS-Compatible Clock Input can be used instead of the internal oscillator to provide the
SYS_CLKIN1 clock input to the system. The external connections to support this are shown in Figure 6-4.
The xi_osc0 pin is connected to the 1.8-V LVCMOS-Compatible clock source. The xi_osc0 pin is left
unconnected. The vssa_osc0 pin is connected to board ground (VSS).
Figure 6-4. 1.8-V LVCMOS-Compatible Clock Input
Table 6-3 summarizes the OSC0 input clock electrical characteristics.
Copyright © 2014–2015, Texas Instruments Incorporated
Clock Specifications
181
Submit Documentation Feedback
Product Folder Links: AM5716 AM5718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com