Electronic Components Datasheet Search
  English  ▼

X  

AM5716 Datasheet(PDF) 185 Page - Texas Instruments

Click here to check the latest version.
Part # AM5716
Description  AM571x SitaraTM Processors
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5716 Datasheet(HTML) 185 Page - Texas Instruments

Back Button AM5716 Datasheet HTML 181Page - Texas Instruments AM5716 Datasheet HTML 182Page - Texas Instruments AM5716 Datasheet HTML 183Page - Texas Instruments AM5716 Datasheet HTML 184Page - Texas Instruments AM5716 Datasheet HTML 185Page - Texas Instruments AM5716 Datasheet HTML 186Page - Texas Instruments AM5716 Datasheet HTML 187Page - Texas Instruments AM5716 Datasheet HTML 188Page - Texas Instruments AM5716 Datasheet HTML 189Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 389 page
background image
xi_osc1
CK0
CK1
CK1
SPRS906_CLK_08
AM5716, AM5718
www.ti.com
SPRS919I – JUNE 2014 – REVISED OCTOBER 2015
(1) To switch from bypass mode to crystal or from crystal mode to bypass mode, there is a waiting time about 100
μs; however, if the chip
comes from bypass mode to crystal mode the crystal will start-up after time mentioned in Table 6-6, tsX parameter.
(2) Before the processor boots up and the oscillator is set to bypass mode, there is a waiting time when the internal oscillator is in
application mode and receives a wave. The switching time in this case is about 100
μs.
Table 6-8 details the OSC1 input clock timing requirements.
Table 6-8. OSC1 Input Clock Timing Requirements
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
1 /
CK0
Frequency, xi_osc1
Range from 12 to 38.4
MHz
tc(xiosc1)
0.45 *
0.55 *
CK1
tw(xiosc1)
Pulse duration, xi_osc1 low or high
ns
tc(xiosc1)
tc(xiosc1)
0.01 ×
tj(xiosc1)
Period jitter(1), xi_osc1
tc(xiosc1)
ns
(3)
tR(xiosc1)
Rise time, xi_osc1
5
ns
tF(xiosc1)
Fall time, xi_osc1
5
ns
Ethernet not used
±200
Ethernet RGMII and RMII
±50
tj(xiosc1)
Frequency accuracy(2), xi_osc1
using derived clock
ppm
Ethernet MII using derived
±100
clock
(1) Period jitter is meant here as follows:
–
The maximum value is the difference between the longest measured clock period and the expected clock period
–
The minimum value is the difference between the shortest measured clock period and the expected clock period
(2) Crystal characteristics should account for tolerance+stability+aging.
(3) The Period jitter requirement for osc1 can be relaxed to 0.02*tc(xiosc1) under the following constraints:
a.The osc1/SYS_CLK2 clock bypasses all device PLLs
b.The osc1/SYS_CLK2 clock is only used to source the DSS pixel clock outputs
Figure 6-9. xi_osc1 Input Clock
6.1.4
RTC Oscillator Input Clock
SYS_32K is received directly from RTC Oscillator. For more information about SYS_32K see Device TRM,
Chapter: Power, Reset, and Clock Management.
NOTE
RTC only mode is not supported feature.
6.1.4.1
RTC Oscillator External Crystal
An external crystal is connected to the device pins. Figure 6-2 describes the crystal implementation.
Copyright © 2014–2015, Texas Instruments Incorporated
Clock Specifications
185
Submit Documentation Feedback
Product Folder Links: AM5716 AM5718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com