Electronic Components Datasheet Search
  English  ▼

X  

AM5716 Datasheet(PDF) 172 Page - Texas Instruments

Click here to check the latest version.
Part # AM5716
Description  AM571x SitaraTM Processors
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5716 Datasheet(HTML) 172 Page - Texas Instruments

Back Button AM5716 Datasheet HTML 168Page - Texas Instruments AM5716 Datasheet HTML 169Page - Texas Instruments AM5716 Datasheet HTML 170Page - Texas Instruments AM5716 Datasheet HTML 171Page - Texas Instruments AM5716 Datasheet HTML 172Page - Texas Instruments AM5716 Datasheet HTML 173Page - Texas Instruments AM5716 Datasheet HTML 174Page - Texas Instruments AM5716 Datasheet HTML 175Page - Texas Instruments AM5716 Datasheet HTML 176Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 389 page
background image
AM5716, AM5718
SPRS919I – JUNE 2014 – REVISED OCTOBER 2015
www.ti.com
NOTE
Power dissipation of 1.5 W and an ambient temperature of 85ºC is assumed for ABC
package.
Table 5-19. Thermal Resistance Characteristics
NO.
PARAMETER
DESCRIPTION
°C/W(1)
AIR FLOW (m/s)(2)
T1
R
ΘJC
Junction-to-case
0.41
N/A
T2
R
ΘJB
Junction-to-board
4.74
N/A
T3
Junction-to-free air
11.9
0
T4
8.9
1
R
ΘJA
T5
Junction-to-moving air
8.0
2
T6
7.4
3
T7
0.22
0
T8
0.22
1
ΨJT
Junction-to-package top
T9
0.22
2
T10
0.23
3
T11
4.12
0
T12
3.73
1
ΨJB
Junction-to-board
T13
3.59
2
T14
3.48
3
(1) These measurements were conducted in a JEDEC defined 2S2P system (with the exception of the Theta JC [R
ΘJC] measurement,
which was conducted in a JEDEC defined 1S0P system) and will change based on environment as well as application. For more
information, see these EIA/JEDEC standards:
–
JESD51-2, Integrated Circuits Thermal Test Method Environment Conditions - Natural Convection (Still Air)
–
JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
–
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
–
JESD51-9, Test Boards for Area Array Surface Mount Packages
(2) m/s = meters per second
172
Specifications
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM5716 AM5718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com