Electronic Components Datasheet Search
  English  ▼

X  

AM5716 Datasheet(PDF) 196 Page - Texas Instruments

Click here to check the latest version.
Part # AM5716
Description  AM571x SitaraTM Processors
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5716 Datasheet(HTML) 196 Page - Texas Instruments

Back Button AM5716 Datasheet HTML 192Page - Texas Instruments AM5716 Datasheet HTML 193Page - Texas Instruments AM5716 Datasheet HTML 194Page - Texas Instruments AM5716 Datasheet HTML 195Page - Texas Instruments AM5716 Datasheet HTML 196Page - Texas Instruments AM5716 Datasheet HTML 197Page - Texas Instruments AM5716 Datasheet HTML 198Page - Texas Instruments AM5716 Datasheet HTML 199Page - Texas Instruments AM5716 Datasheet HTML 200Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 389 page
background image
AM5716, AM5718
SPRS919I – JUNE 2014 – REVISED OCTOBER 2015
www.ti.com
Table 7-2. Modes Summary (continued)
Virtual or Manual IO Mode Name
Data Manual Timing Mode
VIP_VIRTUAL8
VIN1A (IOSET8, IOSET9) Fall-Edge Capture Mode Timings
PRU-ICSS
No Virtual or Manual IO Timing Mode Required
All PRU_ICSS Modes not covered below
PRU_ICSS1_IN_VIRTUAL1
PRU-ICSS1 Direct Input Mode Timings
PRU_ICSS1_OUT_VIRTUAL1
PRU-ICSS1 Direct Output Mode Timings
PRU_ICSS2_IN_VIRTUAL1
PRU-ICSS2 Direct Input Mode Timings
PRU_ICSS2_OUT_VIRTUAL1
PRU-ICSS2 Direct Output Mode Timings
PR1_PRU1_DIR_IN_MANUAL
PRU-ICSS1 PRU1 Direct Input Mode Timings
PR1_PRU1_DIR_OUT_MANUAL
PRU-ICSS1 PRU1 Direct Output Mode Timings
PR2_PRU0_DIR_IN_MANUAL1
PRU-ICSS2 PRU0 IOSET1 Direct Input Mode Timings
PR2_PRU0_DIR_IN_MANUAL2
PRU-ICSS2 PRU0 IOSET2 Direct Input Mode Timings
PR2_PRU0_DIR_OUT_MANUAL1
PRU-ICSS2 PRU0 IOSET1 Direct Output Mode Timings
PR2_PRU0_DIR_OUT_MANUAL2
PRU-ICSS2 PRU0 IOSET2 Direct Output Mode Timings
PR2_PRU1_DIR_IN_MANUAL1
PRU-ICSS2 PRU1 IOSET1 Direct Input Mode Timings
PR2_PRU1_DIR_IN_MANUAL2
PRU-ICSS2 PRU1 IOSET2 Direct Input Mode Timings
PR2_PRU1_DIR_OUT_MANUAL1
PRU-ICSS2 PRU1 IOSET1 Direct Output Mode Timings
PR2_PRU1_DIR_OUT_MANUAL2
PRU-ICSS2 PRU1 IOSET2 Direct Output Mode Timings
HDMI, EMIF, Timers, I2C, HDQ/1-Wire, UART, McSPI, USB, SATA, PCIe, DCAN, GPIO, KBD, PWM, ATL, JTAG, TPIU, RTC, SDMA,
INTC, MLB
No Virtual or Manual IO Timing Mode Required
All Modes
7.6
Video Input Ports (VIP)
The Device includes 1 Video Input Ports (VIP)
Table 7-3, Figure 7-4 and Figure 7-5 present timings and switching characteristics of the VIPs.
CAUTION
The I/O timings provided in this section are valid only for VIN1 and VIN2 if
signals within a single IOSET are used. The IOSETs are defined in Table 7-4.
Table 7-3. Timing Requirements for VIP (1)(2)
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
V1
tc(CLK)
Cycle time, vinx_clki
6.06
ns
V2
tw(CLKH)
Pulse duration, vinx_clki high
0.45*P
ns
V3
tw(CLKL)
Pulse duration, vinx_clki low
0.45*P
ns
V4
tsu(CTL/DATA-CLK)
Input setup time, Control (vinx_dei, vinx_vsynci, vinx_fldi,
3.11
ns
vinx_hsynci) and Data (vinx_dn) valid to vinx_clki transition
V6
th(CLK-CTL/DATA)
Input hold time, Control (vinx_dei, vinx_vsynci, vinx_fldi, vinx_hsynci)
-0.05
ns
and Data (vinx_dn) valid from vinx_clki transition
(1) For maximum frequency of 165 MHZ.
(2) P = vinx_clki period.
(3) x in vinx = 1a, 1b, 2a, 2b.
(4) n in dn = 0 to 7 when x = 1b, 2b.
n = 0 to 23 when x = 1a, 2a.
(5) i in clki, dei, vsynci, hsynci and fldi = 0 or 1.
196
Timing Requirements and Switching Characteristics
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM5716 AM5718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com