Electronic Components Datasheet Search
  English  ▼

X  

AM5716 Datasheet(PDF) 199 Page - Texas Instruments

Click here to check the latest version.
Part # AM5716
Description  AM571x SitaraTM Processors
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM5716 Datasheet(HTML) 199 Page - Texas Instruments

Back Button AM5716 Datasheet HTML 195Page - Texas Instruments AM5716 Datasheet HTML 196Page - Texas Instruments AM5716 Datasheet HTML 197Page - Texas Instruments AM5716 Datasheet HTML 198Page - Texas Instruments AM5716 Datasheet HTML 199Page - Texas Instruments AM5716 Datasheet HTML 200Page - Texas Instruments AM5716 Datasheet HTML 201Page - Texas Instruments AM5716 Datasheet HTML 202Page - Texas Instruments AM5716 Datasheet HTML 203Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 389 page
background image
AM5716, AM5718
www.ti.com
SPRS919I – JUNE 2014 – REVISED OCTOBER 2015
Table 7-4. VIN1 IOSETs (continued)
SIGNALS
IOSET2
IOSET3
IOSET4 (1)
IOSET5 (1)
IOSET6 (1)
IOSET7 (1)
IOSET8
IOSET9
IOSET10
BALL
MUX
BALL
MUX
BALL
MUX
BALL
MUX
BALL
MUX
BALL
MUX
BALL
MUX
BALL
MUX
BALL
MUX
vin1b
vin1b_clk1
P7
6
M4
4
V1
5
vin1b_hsync1
H5
6
H5
6
U7
5
vin1b_vsync1
H6
6
H6
6
V6
5
vin1b_fld1
M4
6
W2
5
vin1b_de1
N6
6
N6
6
V7
5
vin1b_d0
K7
6
K7
6
U4
5
vin1b_d1
M7
6
M7
6
V2
5
vin1b_d2
J5
6
J5
6
Y1
5
vin1b_d3
K6
6
K6
6
W9
5
vin1b_d4
J7
6
J7
6
V9
5
vin1b_d5
J4
6
J4
6
U5
5
vin1b_d6
J6
6
J6
6
V5
5
vin1b_d7
H4
6
H4
6
V4
5
(1) The IOSET under this column is only applicable for pins with alternate functionality which allows either VIN1 or VIN2 signals to be mapped to the pins. These alternate functions are
controlled via CTRL_CORE_VIP_MUX_SELECT register. For more information on how to use these options, please refer to Device TRM, Chapter Control Module, Section Pad
Configuration Registers.
Table 7-5. VIN2 IOSETs
SIGNALS
IOSET1
IOSET2
IOSET4
IOSET5
IOSET6
IOSET7 (1)
IOSET8 (1)
IOSET9 (1)
IOSET10 (1)
BALL
MUX
BALL
MUX
BALL
MUX
BALL
MUX
BALL
MUX
BALL
MUX
BALL
MUX
BALL
MUX
BALL
MUX
vin2a
vin2a_clk0
E1
0
E1
0
V1
4
B11
3
P4
4
P4
4
B26
8
vin2a_hsync0
G1
0
G1
0
U7
4
C11
3
R3
4
P7
4
E21
8
vin2a_vsync0
G6
0
G6
0
V6
4
E11
3
T2
4
N1
4
F20
8
vin2a_fld0
H7
0
G2
1
W2
4
D11
3
P9
4
J7
4
F21
8
vin2a_de0
G2
0
V7
4
B10
3
P7
5
H6
4
C23
8
vin2a_d0
F2
0
F2
0
U4
4
B7
3
R6
4
R6
4
B14
8
vin2a_d1
F3
0
F3
0
V2
4
B8
3
T9
4
T9
4
J14
8
vin2a_d2
D1
0
D1
0
Y1
4
A7
3
T6
4
T6
4
G13
8
vin2a_d3
E2
0
E2
0
W9
4
A8
3
T7
4
T7
4
J11
8
vin2a_d4
D2
0
D2
0
V9
4
C9
3
P6
4
P6
4
E12
8
vin2a_d5
F4
0
F4
0
U5
4
A9
3
R9
4
R9
4
F13
8
Copyright © 2014–2015, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
199
Submit Documentation Feedback
Product Folder Links: AM5716 AM5718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com