Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 213 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM385 Datasheet(HTML) 213 Page - Texas Instruments

Back Button DM385 Datasheet HTML 209Page - Texas Instruments DM385 Datasheet HTML 210Page - Texas Instruments DM385 Datasheet HTML 211Page - Texas Instruments DM385 Datasheet HTML 212Page - Texas Instruments DM385 Datasheet HTML 213Page - Texas Instruments DM385 Datasheet HTML 214Page - Texas Instruments DM385 Datasheet HTML 215Page - Texas Instruments DM385 Datasheet HTML 216Page - Texas Instruments DM385 Datasheet HTML 217Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 281 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
8.12.1 ISS Peripheral Register Description
The ISS peripheral registers are described in the device-specific Technical Reference Manual. Each
register is documented as an offset from a base address for the peripheral. The base addresses for all of
the peripherals are in the device memory map (see Section 2.10).
8.12.2 ISSCAM Electrical Data/Timing
Table 8-42. Timing Requirements for ISSCAM (see Figure 8-46)
OPP100/OPP120/Turb
N
o/Nitro
UNIT
O.
MIN
NOM
MAX
1
tc(PCLK)
Cycle time, PCLK
6.17
ns
2
tw(PCLKH)
Pulse duration, PCLK high
2.78
ns
3
tw(PCLKL)
Pulse duration, PCLK low
2.78
ns
4
tt(PCLK)
Transition time, PCLK
2.64
ns
tsu(DATA-
3.11
ns
PCLK)
tsu(DE-PCLK)
3.11
ns
5
tsu(VS-PCLK) Input setup time, Data/Control valid before PCLK high/low
3.11
ns
tsu(HS-PCLK)
3.11
ns
tsu(FLD-
3.11
ns
PCLK)
≤ 148.5 MHz clock rate
-0.5
ns
th(PCLK-
Input hold time, Data valid after PCLK high/low
> 148.5 MHz and
DATA)
0.0
ns
≤ 162 MHz clock rate
th(PCLK-DE)
-0.5
ns
6
th(PCLK-VS)
-0.5
ns
Input hold time, Control valid after PCLK high/low
th(PCLK-HS)
-0.5
ns
th(PCLK-FLD)
-0.5
ns
Copyright © 2013, Texas Instruments Incorporated
Peripheral Information and Timings
213
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com