Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 212 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM385 Datasheet(HTML) 212 Page - Texas Instruments

Back Button DM385 Datasheet HTML 208Page - Texas Instruments DM385 Datasheet HTML 209Page - Texas Instruments DM385 Datasheet HTML 210Page - Texas Instruments DM385 Datasheet HTML 211Page - Texas Instruments DM385 Datasheet HTML 212Page - Texas Instruments DM385 Datasheet HTML 213Page - Texas Instruments DM385 Datasheet HTML 214Page - Texas Instruments DM385 Datasheet HTML 215Page - Texas Instruments DM385 Datasheet HTML 216Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 281 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
8.12 Imaging Subsystem (ISS)
The device Imaging Subsystem captures and processes pixel data from external image and video inputs.
The inputs can be connected to the Image Processing block through the Parallel Camera Interface (CAM).
In addition, a Timing control module provides flash strobe and mechanical shutter interfaces. The features
of each component of the ISS are described below.
•
Parallel Camera (CAM) interface features:
–
Input format
•
Bayer pattern Raw (up to 16bit) or YCbCr 422 (8-bit or 16-bit) data.
•
ITU-R BT.656/1120 standard format
–
Generates HD/VD timing signals and field ID to an external timing generator, or can synchronize to
the external timing generator.
–
Support for progressive and interlaced sensors (hardware support for up to 2 fields and firmware
supports for higher number of fields, typically 3-, 4-, and 5-field sensors.
•
CSI2 Serial Connection features:
–
Supports up to 1Gb/s data-rate per lane for 1, 2, and 3 Data-lane configurations, and up to
824Mbps per lane for a 4 Data-lane configuration
–
Supports sensor capture up to 4K x 2K 10-bit Bayer @ 30fps
–
Supports up to four data configurable links in addition to the clock signaling
–
Data merger for 2-, 3-, or 4-data lane configurations
–
1-D and 2-D addressing mode
–
Supports all primary and secondary MIPI-defined formats (RGB, RAW, YUV, and more)
–
DPCM decompression
–
Image cropping and A-Law/DPCM compression
•
Image Sensor Interface (ISIF) features:
–
Support for up to 32K pixels (image size) in both the horizontal and vertical direction
–
Color space conversion for non-Bayer pattern Raw data
–
Digital black clamping with Horizontal/Vertical offset drift compensation
–
Vertical Line defect correction based on a lookup table
–
Color-dependent gain control and black level offset control
–
Ability to control output to the DDR2/DDR3/DDR3L via an external write enable signal
–
Down sampling via programmable culling patterns
–
A-law/DPCM compression
–
Generating 16-, 12- or 8-bit output to memory
•
Two independent Resizers
–
Providing two different sizes of outputs simultaneously on one input
–
Maximum line width is 5376 and 2336, respectively
–
YUV422 to YUV420 conversion
–
Data output format: RGB565, ARGB888, YUV422 co sited and YUV4:2:0 planar
–
Resizer Ratio: x1/4096 ~ x20
–
Input from memory
•
Timing control module features:
–
STROBE signal for flash pre-strobe and flash strobe
–
SHUTTER signal for mechanical shutter control
–
Global reset control
For more detailed information on the ISS, see the ISS Overview section, the ISS Interfaces section, and
the ISS ISP section of the device-specific Technical Reference Manual.
212
Peripheral Information and Timings
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com