Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 275 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM385 Datasheet(HTML) 275 Page - Texas Instruments

Back Button DM385 Datasheet HTML 271Page - Texas Instruments DM385 Datasheet HTML 272Page - Texas Instruments DM385 Datasheet HTML 273Page - Texas Instruments DM385 Datasheet HTML 274Page - Texas Instruments DM385 Datasheet HTML 275Page - Texas Instruments DM385 Datasheet HTML 276Page - Texas Instruments DM385 Datasheet HTML 277Page - Texas Instruments DM385 Datasheet HTML 278Page - Texas Instruments DM385 Datasheet HTML 279Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 281 page
background image
PREFIX
( )
DM385
SILICON REVISION
AAR
( )
( )
DEVICE
( )
Face Detect
TEMPERATURE RANGE
PACKAGE TYPE
(A)
Blank = Production Device (TMS)
X = Pre-production Device
P = Prototype Device
DM38x DaVinci™ Digital Media Processors
DM385
DM388
Blank = Revision 1.0
A = Revision 1.1
AAR = 609-Pin Plastic BGA, with Pb-Free Die Bump
and Solder Ball
Blank = 0°C to 95°C, Commercial Temperature
D = -40°C to 95°C, Extended Temperature
( )
DEVICE SPEED RANGE
Blank = Disabled
F = Enabled
01 = 720-MHz ARM, 290-MHz HDVICP2
11 = 970-MHz ARM, 410-MHz HDVICP2
21 = 1000-MHz ARM, 450-MHz HDVICP2
( )
PCIe
Blank = Enabled on DM385, Disabled on DM388
P = Enabled on DM388
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
Figure 9-1. Device Nomenclature
9.2
Documentation Support
Contact your TI sales representative for support documents.
For additional peripheral information, see the latest version of the DM38x DaVinci™ Digital Media
Processor Technical Reference Manual (Literature Number: SPRUHG1).
9.3
Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the
respective contributors. They do not constitute TI specifications and do not necessarily reflect TI's views;
see TI's Terms of Use.
TI E2E Community TI's Engineer-to-Engineer (E2E) Community. Created to foster collaboration
among engineers. At e2e.ti.com, you can ask questions, share knowledge, explore ideas and
help solve problems with fellow engineers.
TI Embedded Processors Wiki Texas Instruments Embedded Processors Wiki. Established to help
developers get started with Embedded Processors from Texas Instruments and to foster
innovation and growth of general knowledge about the hardware and software surrounding
these devices.
Copyright © 2013, Texas Instruments Incorporated
Device and Documentation Support
275
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com