Electronic Components Datasheet Search
  English  ▼

X  

TLE9222 Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # TLE9222
Description  FlexRay Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9222 Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button TLE9222 Datasheet HTML 35Page - Infineon Technologies AG TLE9222 Datasheet HTML 36Page - Infineon Technologies AG TLE9222 Datasheet HTML 37Page - Infineon Technologies AG TLE9222 Datasheet HTML 38Page - Infineon Technologies AG TLE9222 Datasheet HTML 39Page - Infineon Technologies AG TLE9222 Datasheet HTML 40Page - Infineon Technologies AG TLE9222 Datasheet HTML 41Page - Infineon Technologies AG TLE9222 Datasheet HTML 42Page - Infineon Technologies AG TLE9222 Datasheet HTML 43Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
Data Sheet
39
Rev. 1.0 2015-06-12
TLE9222
Application Information
7.4
Implementation of ECU Functional Safety concepts
The TLE9222 has been implemented with features for alleviating the development of functional safety
requirements on a system level. The top level objective is to ensure a malfunctioning ECU is put in a safe state,
which for the FlexRay transceiver means no bus disturbance.
This is realized by the Bus Guardian interface, which controls the bus transmitter directly at the driver stages.
The TLE9222 is also implemented with a redundant diagnostic path for detecting the true state of the bus
transmitter. This status is multiplexed back to the ERRN output, which is set “low” when the transmitter is
reliably disabled. By taking advantage of this safety feature, the ECU diagnostic coverage can be increased.
Figure 22 Application diagram
In Figure 22 an application example of an Automotive ECU for safety critical applications is shown. Together
with a Safety MCU Supply IC, e.g. the Infineon TLF35584, that incorporates safe state control functionality, the
BGE input of the TLE9222 is connected to the safe state output. If the Safety Supply IC detects unexpected
behavior at the supply voltages or incorrect MCU behavior through the functional watchdog, the TLE9222
TLE9222_APPLICATION_SAFETY_V01
ECU
VBAT
TLE9222PX
FlexRay
Transceiver
GND
VCC
BP
ERRN
RxD
TxEN
TxD
BM
VIO
STBN
SCSN
BM BP
TLF35584
Multi Voltage Safety
Micro Processor Supply
Application
MicroController
E.g. TC2xx Aurix MCU
1
3
2
QUC
QCO
SCSN
SDO
SCLK
SDI
SS1
VDD
VS1 SW1
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com