Electronic Components Datasheet Search
  English  ▼

X  

TLE9222 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE9222
Description  FlexRay Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9222 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE9222 Datasheet HTML 14Page - Infineon Technologies AG TLE9222 Datasheet HTML 15Page - Infineon Technologies AG TLE9222 Datasheet HTML 16Page - Infineon Technologies AG TLE9222 Datasheet HTML 17Page - Infineon Technologies AG TLE9222 Datasheet HTML 18Page - Infineon Technologies AG TLE9222 Datasheet HTML 19Page - Infineon Technologies AG TLE9222 Datasheet HTML 20Page - Infineon Technologies AG TLE9222 Datasheet HTML 21Page - Infineon Technologies AG TLE9222 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
Data Sheet
18
Rev. 1.0 2015-06-12
TLE9222
Functional Description
Figure 11 Alternative wake-up pattern
4.6.2
Wake-up by Payload
In addition to wake-up detection by wake-up patterns, the TLE9222 also supports wake-up requests by a
specific payload within the data field of a FlexRay communication frame with data transmission rate of
10 Mbit/s.
A dedicated Byte Start Sequence (BSS) is transmitted before each byte of the payload within the FlexRay data
frame. The BSS consists of one “high” bit followed by one “low” bit. For transmitting a “Data_0” byte on the
FlexRay bus, the FlexRay controller sends 10 bits, the “high” bit and the “low” bit as part of the BSS followed
by the eight “low” data bits (HL= BSS; LLLLLLLL= “Data_0”). For sending a “Data_1” byte the FlexRay controller
sends the “high” bit and the “low” bit, followed by the eight consecutive “high” data bits (HL = BSS;
HHHHHHHH = “Data_1”) (see Figure 12).
Figure 12 Wake-up by payload
TLE9222_WAKEUP_ALTERNATIVE_V00
uBM
uBP
High
Low
Data_0
Data_1
Data_0
Data_1
dWU0Detect
dWU0Detect
dWUIdleDetect
dWUIdleDetect
Idle
t
dWUIdleDetect
Idle
dWUTimeout
Wake-up symbol
Wake-up symbol
Wake-up pattern
uData0_LP
t
uBus = uBP - uBM
dBDWakeupReactionRemote
dWUInterrupt
TLE9222_WAKEUP_PAYLOAD_V01
dWUTimeout
uData0_LP
t
„Data_1"
„Data_0"
dWU0Detect
dWUIdleDetect
dWU0Detect
Wake-up payload content:
0xFF, 0xFF, 0xFF, 0xFF, 0xFF, 0x00, 0x00, 0x00, 0x00, 0x00,
0xFF, 0xFF, 0xFF, 0xFF, 0xFF, 0x00, 0x00, 0x00, 0x00, 0x00,
0xFF, 0xFF, 0xFF, 0xFF, 0xFF, 0x00, 0x00, 0x00, 0x00, 0x00,
0xFF, 0xFF, 0xFF, 0xFF, 0xFF, 0xFF
dWUIdleDetect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com