Electronic Components Datasheet Search
  English  ▼

X  

TLE9222 Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE9222
Description  FlexRay Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9222 Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE9222 Datasheet HTML 21Page - Infineon Technologies AG TLE9222 Datasheet HTML 22Page - Infineon Technologies AG TLE9222 Datasheet HTML 23Page - Infineon Technologies AG TLE9222 Datasheet HTML 24Page - Infineon Technologies AG TLE9222 Datasheet HTML 25Page - Infineon Technologies AG TLE9222 Datasheet HTML 26Page - Infineon Technologies AG TLE9222 Datasheet HTML 27Page - Infineon Technologies AG TLE9222 Datasheet HTML 28Page - Infineon Technologies AG TLE9222 Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
Data Sheet
25
Rev. 1.0 2015-06-12
TLE9222
Electrical Characteristics
6
Electrical Characteristics
6.1
Functional Device Characteristics
Table 9
Electrical Characteristics
uVCC = 4.75 V to 5.25 V; uVIO = 3.0 V to 5.25 V; RDCLOAD = 45 Ohm; CDCLOAD = 100 pF; Tj = -40°C to +150°C
All voltages with respect to ground, positive current flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Un
it
Note or Test Condition Number
Min. Typ. Max
.
Current Consumption VCC Power Supply
Current Consumption in
BD_Normal mode
iVCC
–
33
40
mA Transmitter active
P_6.1.1
Current Consumption in
BD_Normal mode
iVCC_idle
–
6
15
mA Transmitter idle;
P_6.1.2
Current Consumption in
BD_Standby mode
iVCC_Stb_150
–30
40
µA TJ ≤ 150°C;
No bus activity or local
errors detected; Logic
inputs in default states;
ERRN = “high”
P_6.1.3
Current Consumption in
BD_Standby mode
iVCC_Stb_85
–17
25
µA TJ ≤ 85°C; No bus activity
or local errors detected;
Logic inputs in default
states; ERRN = “high”
P_6.1.4
Current Consumption in
BD_Off condition
iVCC_Off
–
–
35
µA Logic inputs in default
states;
P_6.1.5
Current Consumption VIO Reference
Current Consumption in
BD_Normal mode
iVIO
–0.15 0.5
mA –
P_6.1.6
Current Consumption in
BD_Standby mode
iVIO_Stb
–
1
5
µA No bus activity or local
errors detected; Logic
inputs in default states;
ERRN = “high”
P_6.1.7
Current Consumption in BD_Off
condition
iVIO_Off
–
–
5
µA Logic inputs in default
states
P_6.1.8
Undervoltage Detection VCC Power Supply
Undervoltage detection
threshold on VCC
uBDUVVCC
4.0
4.25 4.75 V
–
P_6.1.9
Undervoltage detection
hysteresis on VCC
uBDUVVCC_Hy
s
–
100 –
mV –
P_6.1.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com