Electronic Components Datasheet Search
  English  ▼

X  

TLE9222 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE9222
Description  FlexRay Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9222 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE9222 Datasheet HTML 15Page - Infineon Technologies AG TLE9222 Datasheet HTML 16Page - Infineon Technologies AG TLE9222 Datasheet HTML 17Page - Infineon Technologies AG TLE9222 Datasheet HTML 18Page - Infineon Technologies AG TLE9222 Datasheet HTML 19Page - Infineon Technologies AG TLE9222 Datasheet HTML 20Page - Infineon Technologies AG TLE9222 Datasheet HTML 21Page - Infineon Technologies AG TLE9222 Datasheet HTML 22Page - Infineon Technologies AG TLE9222 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
Data Sheet
19
Rev. 1.0 2015-06-12
TLE9222
Functional Description
4.7
Fail Safe Functions and Flags
In addition to power supply undervoltage detection, the TLE9222 provides several functions for detection of
local or remote failures with corresponding status flags. These errors are signalled with the ERRN output and
can be read out from the status register. When local errors are detected, the TLE9222 initiates fail safe
procedures for device self protection and prevention of communication channel interruption.
4.7.1
Overtemperature detection
The transmitter of the TLE9222 is protected against overtemperature events when active in BD_Normal mode.
If the junction temperature rises above the TJ(warning) threshold the temperature-warning flag in the status
register is set. If the junction temperature continues to rise and exceeds the TJ(Shut_Down) threshold, the
transmitter will be disabled and the overtemperature event will be flagged by the temperature-high flag in the
status register and signalled with the ERRN output.
Figure 13 Overtemperature protection
4.7.2
Bus Error Detector
The bus error detector monitors the FlexRay bus for identifying external failures which may lead to corrupt
data transmission and reception. With the RxD-TxD compare function and the bus overcurrent monitoring,
bus errors are detected and signalled with the bus error flag. The bus error detector is only enabled in
BD_Normal mode while the transmitter is active.
TLE9222_OVERTEMPERATURE_V00
High
Low
t
High
Low
t
High
Low
t
TJ(Warning)
TJ(Shut_Down)
dReactionTimeERRN
t
t
Temperature-warning flag set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com