Electronic Components Datasheet Search
  English  ▼

X  

TLE9222 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE9222
Description  FlexRay Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9222 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE9222 Datasheet HTML 9Page - Infineon Technologies AG TLE9222 Datasheet HTML 10Page - Infineon Technologies AG TLE9222 Datasheet HTML 11Page - Infineon Technologies AG TLE9222 Datasheet HTML 12Page - Infineon Technologies AG TLE9222 Datasheet HTML 13Page - Infineon Technologies AG TLE9222 Datasheet HTML 14Page - Infineon Technologies AG TLE9222 Datasheet HTML 15Page - Infineon Technologies AG TLE9222 Datasheet HTML 16Page - Infineon Technologies AG TLE9222 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
Data Sheet
13
Rev. 1.0 2015-06-12
TLE9222
Functional Description
Figure 5
Mode control with the STBN input
The ERRN output is used to signal events detected by the TLE9222 to the host controller. Depending on the
provided host command, the ERRN output indicates errors or wake-up events, see Table 4. The TLE9222
reacts on and signals these events on the ERRN output within the time dReactionTimeERRN. Detailed
information about the detected events as given in Table 4 can be read out from the status register with the SPI
interface as described in Chapter 4.8.
Table 4
Signalling on the ERRN and RxD pins
STBN
ERRN RxD
Cause / Comment
Effect
BD_Normal mode
High
High
High /
Low1)
1) Depending on bus state; RxD “low” when Data_0 is detected, RxD “high” when Data_1 is detected or when bus is Idle
Default condition for BD_Normal mode –
High
Low
High /
Low1)
Bus error detected
–
Transmitter time-out detected
Transmitter disabled
Overtemperature event detected
Transmitter disabled
BGE input “low”
Transmitter disabled
SPI error detected
–
BD_Standby mode
Low
HighHighDefault condition for BD_Standby mode –
Low
Low
Low
Bus wake-up detected
–
High
Low
High
VCC undervoltage detected
Forced BD_Standby mode
X2)
2) X = “Don’t care”
Low
Low
VIO undervoltage detected
Forced BD_Standby mode, logic inputs
follow default states (see Table 2)
SDO “high impedance”
BD_OFF condition
X2)
Low
Low
uVCC below uBDPDVCC
–
TLE9222_MODE_CONTROL_V00
High
Low
t
BD_Normal mode
BD_Normal mode
BD_Standby mode
70% VIO
30% VIO
uVDig_In_Low_STBN
uVDig_In_High_STBN
t < dBDLogicFilter
dBDLogicFilter
dBDModeChange
t < dBDLogicFilter
dBDLogicFilter
dBDModeChange
Mode transition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com