Electronic Components Datasheet Search
  English  ▼

X  

MIC2172 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2172
Description  100kHz 1.25A Switching Regulators Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2172 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2172 Datasheet HTML 5Page - Micrel Semiconductor MIC2172 Datasheet HTML 6Page - Micrel Semiconductor MIC2172 Datasheet HTML 7Page - Micrel Semiconductor MIC2172 Datasheet HTML 8Page - Micrel Semiconductor MIC2172 Datasheet HTML 9Page - Micrel Semiconductor MIC2172 Datasheet HTML 10Page - Micrel Semiconductor MIC2172 Datasheet HTML 11Page - Micrel Semiconductor MIC2172 Datasheet HTML 12Page - Micrel Semiconductor MIC2172 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1997
4-21
MIC2172/3172
Micrel
4
By using the MIC3172, U1 and Q1 shown in figure 5 can be
eliminated, reducing the total components count.
Synchronizing the MIC2172
Using several unsynchronized switching regulators in the
same circuit will cause beat frequencies to appear on the
inputs and outputs. These beat frequencies can be very low
making them difficult to filter.
Micrel’s MIC2172 can be synchronized to a single master
frequency avoiding the possibility of undesirable beat fre-
quencies in multiple regulator circuits. The master frequency
can be an external oscillator or a designated master MIC2172.
The master frequency should be 1.05 to 1.20 times the
slave’s 100kHz nominal frequency to guarantee synchroni-
zation.
45
Additional
Slaves
Master
10k
Ω
U3
MIC2172
VSW
SYNC
45
Slave
U2
MIC2172
VSW
SYNC
U1
45
Slave
MIC2172
VSW
SYNC
Figure 6. Master/Slave Synchronization
Figure 6 shows a typical application where several MIC2172s
operate from the same supply voltage. U1’s oscillator fre-
quency is increased above U2’s and U3’s by connecting a
resistor from SYNC to ground. U2-SYNC and U3-SYNC are
capacitively coupled to the master’s output (V
SW).
The
slaves lock to the negative (falling edge) of U1’s output
waveform.
Additional
Slaves
U2
45
Slave
U1
MIC2172
VSW
SYNC
45
Slave
MIC2172
VSW
SYNC
External
Signal
Figure 7. External Synchronization
Care must be exercised to insure that the master MIC2172 is
always operating in continuous mode.
Applications Information
Using the MIC3172 Enable Control (New Designs)
For new designs requiring enable/shutdown control, connect
EN to a TTL or CMOS control signal (figure 3). The very low
driver current requirement ensures compatibility regardless
of the driver or gate used.
MIC3172
EN
Enable
Shutdown
U1
Logic
Gate
4
Figure 3. MIC3172 TTL Enable/Shutdown
Using the MIC3172 in LT1172 Applications
The MIC3172 can be used in most original LT1172 applica-
tions by adapting the MIC3172’s enable/shutdown feature to
the existing LT1172 circuit.
Unlike the LT1172 which can be shutdown by reducing the
voltage on pin 2 (V
C) below 0.15V, the MIC3172 has a
dedicated enable/shutdown pin. To replace the LT1172 with
the MIC3172, determine if the LT1172’s shutdown feature is
used.
Circuits without Shutdown
If the shutdown feature is not being used, connect EN to V
IN
to continuously enable the MIC3172 or use an MIC2172 with
SYNC open (figure 4).
MIC2172
VIN
VIN
SYNC
4
MIC3172
VIN
VIN
EN
4
N/C
Figure 4. MIC2172/3172 Always Enabled
Circuits with Shutdown
If shutdown was used in the original LT1172 application,
connect EN to a logic gate that produces a TTL logic-level
output signal that matches the shutdown signal. The MIC3172
will be enabled by a logic-high input and shutdown with a
logic-low input (figure 5). The actual components performing
the functions of U1 and Q1 may vary according to the original
application.
MIC3172
COMP
C1
R1
EN
Existing
Q1
VN2222
or equiv.
U1
Existing
Logic
Gate
add
connection
4
Enable
Shutdown
Figure 5. Adapting to the LT1172 Socket



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com