Electronic Components Datasheet Search
  English  ▼

X  

MIC2172 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MIC2172
Description  100kHz 1.25A Switching Regulators Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2172 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MIC2172 Datasheet HTML 8Page - Micrel Semiconductor MIC2172 Datasheet HTML 9Page - Micrel Semiconductor MIC2172 Datasheet HTML 10Page - Micrel Semiconductor MIC2172 Datasheet HTML 11Page - Micrel Semiconductor MIC2172 Datasheet HTML 12Page - Micrel Semiconductor MIC2172 Datasheet HTML 13Page - Micrel Semiconductor MIC2172 Datasheet HTML 14Page - Micrel Semiconductor MIC2172 Datasheet HTML 15Page - Micrel Semiconductor MIC2172 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MIC2172/3172
Micrel
4-26
1997
Finally, recalculate the transformer turns ratio to insure that
it is less than the value earlier found in equation (9).
(12)
a
≤
L
PRI
L
SEC
Then:
a
≤
1.8
× 10-5
2.54
× 10-5
a
≤ 0.84 Use 0.8 (same as 1:1.25).
This ratio is less than the ratio calculated in equation (9).
When specifying the transformer it is necessary to know the
primary peak current which must be withstood without satu-
rating the transformer core.
(13)
I
PEAK(pri) =
V
IN(min) TON
L
PRI
So:
I
PEAK(pri) =
4.0
× 5.5 × 10-6
18
µH
I
PEAK(pri) = 1.22A
Now find the minimum reverse voltage requirement for the
output rectifier. This rectifier must have an average current
rating greater than the maximum output current of 0.25A.
(14)
V
BR ≥
V
IN(max) +
V
OUT a
()
F
BR a
Where:
V
BR = output rectifier maximum peak
reverse voltage rating
a = transformer turns ratio (0.8)
F
BR = reverse voltage safety derating factor (0.8)
Then:
V
BR ≥
6.0 + 5.0
× 0.8
()
0.8
× 0.8
V
BR ≥ 15.625V
A 1N5817 will safely handle voltage and current require-
ments in this example.
Forward Converters
Micrel’s MIC2172/3172 can be used in several circuit con-
figurations to generate an output voltage which is less than
the input voltage (buck or step-down topology). Figure 13
shows the MIC3172 in a voltage step-down application.
Because of the internal architecture of these devices, more
external components are required to implement a step-down
regulator than with other devices offered by Micrel (refer to
the LM257x or LM457x family of buck switchers). However,
for step-down conversion requiring a transformer (forward),
the MIC2172/3172 is a good choice.
A 12V to 5V step-down converter using transformer isolation
(forward) is shown in figure 14. Unlike the isolated flyback
converter which stores energy in the primary inductance
during the controller’s on-time and releases it to the load
during the off-time, the forward converter transfers energy to
the output during the on-time, using the off-time to reset the
transformer core. In the application shown, the transformer
core is reset by the tertiary winding discharging T1’s peak
magnetizing current through D2.
For most forward converters the duty cycle is limited to 50%,
allowing the transformer flux to reset with only two times the
input voltage appearing across the power switch. Although
during normal operation this circuit’s duty cycle is well below
C2
2.2µF
C1*
100µF
D2
R4
10
Ω
R2†
1.2k
C4
1µF
C5
330µF
L1
100µH
R3†
3.7k
D1
1N4148
VIN
D3
1N4148
* Locate near MIC2172/3172 when supply leads > 2
"
†
R3/R2 sets output voltage
5V, 0.1A to 1A
(ILOAD > 100mA)
MIC3172
VIN
VSW
FB
R3
470
C3
1µF
EN
GND
P1 P2
S
COMP
Figure 13. Step-Down or Buck Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com