Electronic Components Datasheet Search
  English  ▼

X  

MIC2172 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2172
Description  100kHz 1.25A Switching Regulators Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2172 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2172 Datasheet HTML 1Page - Micrel Semiconductor MIC2172 Datasheet HTML 2Page - Micrel Semiconductor MIC2172 Datasheet HTML 3Page - Micrel Semiconductor MIC2172 Datasheet HTML 4Page - Micrel Semiconductor MIC2172 Datasheet HTML 5Page - Micrel Semiconductor MIC2172 Datasheet HTML 6Page - Micrel Semiconductor MIC2172 Datasheet HTML 7Page - Micrel Semiconductor MIC2172 Datasheet HTML 8Page - Micrel Semiconductor MIC2172 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1997
4-15
MIC2172/3172
Micrel
4
Electrical Characteristics MIC2172 Note 1. Unless otherwise specified, V
IN = 5V.
Parameter
Conditions
Min
Typ
Max
Units
Reference Section
Pin 2 tied to pin 3
Feedback Voltage (V
FB)
1.220
1.240
1.264
V
1.214
1.274
V
Feedback Voltage
3V
≤ V
IN ≤ 40V
0.03
%/V
Line Regulation
Feedback Bias Current (I
FB)
310
750
nA
1100
nA
Error Amplifier Section
Transconductance (
∆I
COMP/∆VFB)
∆I
COMP = ±25µA
3.0
3.9
6.0
µA/mV
2.4
7.0
µA/mV
Voltage Gain (
∆V
COMP/∆VFB)
0.9V
≤ V
COMP ≤ 1.4V
500
800
2000
V/V
Output Current
V
COMP = 1.5V
125
175
350
µA
100
400
µA
Output Swing
High Clamp, V
FB = 1V
1.8
2.1
2.3
V
Low Clamp, V
FB = 1.5V
0.25
0.35
0.52
V
Compensation Pin
Duty Cycle = 0
0.8
0.9
1.08
V
Threshold
0.6
1.25
V
Output Switch Section
ON Resistance
I
SW = 1A, VFB = 0.8V
0.76
1
Ω
1.1
Ω
Current Limit
Duty Cycle = 50%, T
J ≥ 25°C
1.25
3
A
Duty Cycle = 50%, T
J < 25°C
1.25
3.5
A
Duty Cycle = 80% Note 2
1
2.5
A
Breakdown Voltage (BV)
3V
≤ V
IN ≤ 40V
65
75
V
I
SW = 5mA
Absolute Maximum Ratings MIC2172
Input Voltage ................................................................. 40V
Switch Voltage .............................................................. 65V
Sync Current .............................................................. 50mA
Feedback Voltage (Transient, 1ms) ...........................
±15V
Operating Temperature Range
8-pin PDIP ................................................. –40 to +85
°C
8-pin SOIC ................................................ –40 to +85
°C
Junction Temperature .............................. –55
°C to +150°C
Thermal Resistance
θ
JA 8-pin PDIP ................................................. 130°C/W
θ
JA 8-pin SOIC ................................................. 120°C/W
Storage Temperature ............................... –65
°C to +150°C
Soldering (10 sec.) .................................................. +300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com