Electronic Components Datasheet Search
  English  ▼

X  

MIC2172 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2172
Description  100kHz 1.25A Switching Regulators Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2172 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2172 Datasheet HTML 7Page - Micrel Semiconductor MIC2172 Datasheet HTML 8Page - Micrel Semiconductor MIC2172 Datasheet HTML 9Page - Micrel Semiconductor MIC2172 Datasheet HTML 10Page - Micrel Semiconductor MIC2172 Datasheet HTML 11Page - Micrel Semiconductor MIC2172 Datasheet HTML 12Page - Micrel Semiconductor MIC2172 Datasheet HTML 13Page - Micrel Semiconductor MIC2172 Datasheet HTML 14Page - Micrel Semiconductor MIC2172 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1997
4-23
MIC2172/3172
Micrel
4
Then:
P
SW = (0.625)
2
× 1 × 0.6
P
(SW) = 0.234W
P
(total) = 0.068 + 0.234
P
(total) = 0.302W
The junction temperature for any semiconductor is calculated
using the following:
T
J = TA + P(total) θJA
Where:
T
J = junction temperature
T
A = ambient temperature (maximum)
P
(total) = total power dissipation
θ
JA = junction to ambient thermal resistance
For the practical example:
T
A = 70°C
θ
JA = 130°C/W (for plastic DIP)
Then:
T
J = 70 + 0.30 × 130
T
J = 109°C
This junction temperature is below the rated maximum of
150
°C.
Grounding
Refer to figure 10. Heavy lines indicate high current paths.
MIC2172/3172
VIN
VSW
FB
VC
VIN
* MIC3172 only
EN*
GND
P1 P2 S
Single point ground
Figure 10. Single Point Ground
A single point ground is strongly recommended for proper
operation.
The signal ground, compensation network ground, and feed-
back network connections are sensitive to minor voltage
variations.
The input and output capacitor grounds and
power ground conductors will exhibit voltage drop when
carrying large currents. Keep the sensitive circuit ground
traces separate from the power ground traces. Small voltage
variations applied to the sensitive circuits can prevent the
MIC2172/3172 or any switching regulator from functioning
properly.
Applications and Design Hints
Access to both the collector and emitter(s) of the NPN power
switch makes the MIC2172/3172 extremely versatile and
suitable for use in most PWM power supply topologies.
Boost Conversion
Refer to figure 11 for a typical boost conversion application
where a +5V logic supply is available but +12V at 0.14A is
required.
+5V
(4.75V min.)
D1
1N5822
MIC2172
VIN
VSW
FB
C1*
22µF
R3
1k
C3
1µF
R1
10.7k
1%
C2
470µF
VOUT
+12V, 0.14A
L1
27µH
* Locate near MIC2172 when supply leads > 2
"
R2
1.24k
1%
SYNC
GND
P1 P2
S
N/C
COMP
Figure 11. 5V to 12V Boost Converter
The first step in designing a boost converter is determining
whether inductor L1 will cause the converter to operate in
either continuous or discontinuous mode. Discontinuous
mode is preferred because the feedback control of the
converter is simpler.
When L1 discharges its current completely during the
MIC2172/3172’s off-time, it is operating in discontinuous
mode.
L1 is operating in continuous mode if it does not discharge
completely before the MIC2172/3172 power switch is turned
on again.
Discontinuous Mode Design
Given the maximum output current, solve equation (1) to
determine whether the device can operate in discontinuous
mode without initiating the internal device current limit.
(1)
I
OUT ≤
I
CL
2


V
IN δ
V
OUT
(1a)
δ =
V
OUT + VF – VIN
V
OUT +VF
Where:
I
CL = internal switch current limit
I
CL = 1.25A when δ < 50%
I
CL = 0.833 (2 – δ) when δ ≥ 50%
(Refer to Electrical Characteristics.)
I
OUT = maximum output current
V
IN = minimum input voltage
δ = duty cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com