Electronic Components Datasheet Search
  English  ▼

X  

MIC2172 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2172
Description  100kHz 1.25A Switching Regulators Preliminary Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2172 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2172 Datasheet HTML 1Page - Micrel Semiconductor MIC2172 Datasheet HTML 2Page - Micrel Semiconductor MIC2172 Datasheet HTML 3Page - Micrel Semiconductor MIC2172 Datasheet HTML 4Page - Micrel Semiconductor MIC2172 Datasheet HTML 5Page - Micrel Semiconductor MIC2172 Datasheet HTML 6Page - Micrel Semiconductor MIC2172 Datasheet HTML 7Page - Micrel Semiconductor MIC2172 Datasheet HTML 8Page - Micrel Semiconductor MIC2172 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1997
4-13
MIC2172/3172
Micrel
4
slave’s. The master MIC2172’s oscillator frequency is in-
creased up to 135kHz by connecting a resistor from SYNC to
ground (see applications information).
The MIC2172/3172 is available in an 8-pin plastic DIP or
SOIC for –40
°C to +85°C operation.
Features
• 1.25A, 65V internal switch rating
• 3V to 40V input voltage range
• Current-mode operation
• Internal cycle-by-cycle current limit
• Thermal shutdown
• Low external parts count
• Operates in most switching topologies
• 7mA quiescent current (operating)
•<1
µA quiescent current, shutdown mode (MIC3172)
• TTL shutdown compatibility (MIC3172)
• External frequency synchronization (MIC2172)
• External frequency trim (MIC2172)
• Fits most LT1172 sockets (see applications info)
Applications
• Laptop/palmtop computers
• Toys
• Hand-held instruments
• Off-line converter up to 50W
(requires external power switch)
• Predriver for higher power capability
• Master/slave configurations (MIC2172)
General Description
The MIC2172 and MIC3172 are complete 100kHz SMPS
current-mode controllers with internal 65V 1.25A power
switches. The MIC2172 features external frequency syn-
chronization or frequency adjustment, while the MIC3172
features an enable/shutdown control input.
Although primarily intended for voltage step-up applications,
the floating switch architecture of the MIC2172/3172 makes
it practical for step-down, inverting, and Cuk configurations
as well as isolated topologies.
Operating from 3V to 40V, the MIC2172/3172 draws only
7mA of quiescent current making it attractive for battery
operated supplies.
The MIC3172 is for applications that require on/off control of
the regulator.
The MIC3172 is externally shutdown by
applying a TTL low signal to EN (enable). When disabled, the
MIC3172 draws only leakage current (typically less than
1
µA). EN must be high for normal operation. For applications
not requiring control, EN must be tied to V
IN or TTL high.
The MIC2172 is for applications requiring two or more SMPS
regulators that operate from the same input supply. The
MIC2172 features a SYNC input which allows locking of its
internal oscillator to an external reference. This makes it
possible to avoid the audible beat frequencies that result from
the unequal oscillator frequencies of independent SMPS
regulators.
A reference signal can be supplied by one MIC2172 desig-
nated as a master. To insure locking of the slave’s oscillators,
the reference oscillator frequency must be higher than the
MIC2172/3172
100kHz 1.25A Switching Regulators
Preliminary Information
Typical Applications
C4
470µF
D2
1N5818
C1
22µF
C2
1µF
R3
1k
R4*
VOUT
5V, 0.25A
* Optional voltage clipper (may be req’d if T1 leakage inductance too high)
C3*
D1*
R1
3.74k
1%
R2
1.24k
1%
VIN
4V to 6V
T1
Enable
Shutdown
1:1.25
LPRI = 100µH
MIC3172
VIN
VSW
FB
EN
GND
P1 P2
S
COMP
Figure 2.
MIC3172 5V Flyback Converter
+5V
(4.75V min.)
D1
1N5822
MIC2172
VIN
VSW
FB
C1*
22µF
R3
1k
C3
1µF
R1
10.7k
1%
C2
470µF
VOUT
+12V, 0.14A
L1
27µH
* Locate near MIC2172 when supply leads > 2
"
R2
1.24k
1%
SYNC
GND
P1 P2
S
N/C
COMP
Figure 1.
MIC2172 5V to 12V Boost Converter


Similar Part No. - MIC2172

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2172 MICREL-MIC2172 Datasheet
158Kb / 17P
100kHz 1.25A Switching Regulators
MIC2172 MICREL-MIC2172 Datasheet
912Kb / 20P
100kHz 1.25A Switching Regulators
MIC2172BM MICREL-MIC2172BM Datasheet
158Kb / 17P
100kHz 1.25A Switching Regulators
MIC2172BM MICREL-MIC2172BM Datasheet
912Kb / 20P
100kHz 1.25A Switching Regulators
MIC2172BN MICREL-MIC2172BN Datasheet
158Kb / 17P
100kHz 1.25A Switching Regulators
More results

Similar Description - MIC2172

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1170 LINER-LT1170 Datasheet
266Kb / 20P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
logo
Micrel Semiconductor
MIC2171 MICREL-MIC2171 Datasheet
80Kb / 10P
100kHz 2.5A Switching Regulator Preliminary Information
MIC2940A MICREL-MIC2940A Datasheet
121Kb / 8P
1.25A Low-Dropout Voltage Regulator Preliminary Information
MIC2172 MICREL-MIC2172_05 Datasheet
158Kb / 17P
100kHz 1.25A Switching Regulators
MIC2172 MICREL-MIC2172_06 Datasheet
912Kb / 20P
100kHz 1.25A Switching Regulators
logo
Unisonic Technologies
P2172 UTC-P2172 Datasheet
180Kb / 7P
100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
logo
Linear Technology
LT1170 LINER-LT1170_15 Datasheet
236Kb / 24P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1171 LINER-LT1171_15 Datasheet
236Kb / 24P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1172 LINER-LT1172_15 Datasheet
236Kb / 24P
100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
logo
Unisonic Technologies
P2172 UTC-P2172_15 Datasheet
180Kb / 7P
100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com