Electronic Components Datasheet Search
  English  ▼

X  

MIC5207 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5207
Description  180mA Low-Noise LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5207 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC5207 Datasheet HTML 4Page - Micrel Semiconductor MIC5207 Datasheet HTML 5Page - Micrel Semiconductor MIC5207 Datasheet HTML 6Page - Micrel Semiconductor MIC5207 Datasheet HTML 7Page - Micrel Semiconductor MIC5207 Datasheet HTML 8Page - Micrel Semiconductor MIC5207 Datasheet HTML 9Page - Micrel Semiconductor MIC5207 Datasheet HTML 10Page - Micrel Semiconductor MIC5207 Datasheet HTML 11Page - Micrel Semiconductor MIC5207 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MIC5207
Micrel
MIC5207
8
January 2000
(see “Block Diagram”). Selecting larger output and bypass
capacitors allows additional time for the error amplifier and
reference to turn on and prevent overshoot.
To ensure that no overshoot is present when starting up into
a light load (100
µA), use a 4.7µF output capacitance and
470pF bypass capacitance. This slows the turn-on enough to
allow the regulator to react and keep the output voltage from
exceeding its nominal value. At heavier loads, use a 10
µF
output capacitance and 470pF bypass capacitance. Lower
values of output and bypass capacitance can be used,
depending on the sensitivity of the system.
Applications that can withstand some overshoot on the
output of the regulator can reduce the output capacitor and/
or reduce or eliminate the bypass capacitor. Applications that
are not sensitive to overshoot due to power-on reset delays
can use normal output and bypass capacitor configurations.
Please note the junction temperature range of the regulator
at 1.8V output (fixed and adjustable) is 0˚C to +125˚C.
Fixed Regulator Applications
15
2
3
4
2.2µF
470pF
VOUT
MIC5207-x.xBM5
VIN
Figure 1. Ultra-Low-Noise Fixed Voltage Regulator
Figure 1 includes a 470pF capacitor for ultra-low-noise op-
eration and shows EN (pin 3) connected to IN (pin 1) for an
application where enable/shutdown is not required. C
OUT =
2.2
µF minimum.
15
2
34
1.0µF
Enable
Shutdown
EN
VOUT
MIC5207-x.xBM5
VIN
Figure 2. Low-Noise Fixed Voltage Regulator
Figure 2 is an example of a basic low-noise configuration.
C
OUT = 1µF minimum.
Adjustable Regulator Applications
The MIC5207BM5 can be adjusted to a specific output
voltage by using two external resistors (figure 3). The resis-
tors set the output voltage based on the following equation:
VV
1
R2
R1
, V
1.242V
OUT
REF
REF
=+


=
This equation is correct due to the configuration of the
bandgap reference. The bandgap voltage is relative to the
output, as seen in the block diagram. Traditional regulators
normally have the reference voltage relative to ground;
therefore, their equations are different from the equation for
the MIC5207BM5.
Resistor values are not critical because ADJ (adjust) has a
high input impedance, but for best results use resistors of
470k
Ω or less. A capacitor from ADJ to ground provides
greatly improved noise performance.
15
2
3
4
2.2µF
470pF
VOUT
MIC5207BM5
R1
R2
VIN
Figure 3. Ultra-Low-Noise
Adjustable Voltage Regulator
Figure 3 includes the optional 470pF noise bypass capacitor
from ADJ to GND to reduce output noise.
Dual-Supply Operation
When used in dual-supply systems where the regulator load
is returned to a negative supply, the output voltage must be
diode clamped to ground.
USB Application
Figure 4 shows the MIC5207-3.3BZ (3-terminal, TO-92) in a
USB application. Since the V
BUS supply may be greater than
10 inches from the regulator, a 1
µF input capacitor is in-
cluded.
VBUS
D+
D–
GND
USB
Port
Data
EN
OUT
FLG
IN
ON/OFF
OVERCURRENT
MIC2525
USB Controller
GND
OUT
IN
VCC
5.0V
0.1µF
10k
MIC5207-3.3BZ
IN
OUT
GND
Upstream
VBUS
100mA max.
Ferrite
Beads
150µF
VBUS
D+
D–
GND
Data
1µF
1µF
Figure 4. Single-Port Self-Powered Hub



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com