Electronic Components Datasheet Search
  English  ▼

X  

MIC5207 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5207
Description  180mA Low-Noise LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5207 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5207 Datasheet HTML 1Page - Micrel Semiconductor MIC5207 Datasheet HTML 2Page - Micrel Semiconductor MIC5207 Datasheet HTML 3Page - Micrel Semiconductor MIC5207 Datasheet HTML 4Page - Micrel Semiconductor MIC5207 Datasheet HTML 5Page - Micrel Semiconductor MIC5207 Datasheet HTML 6Page - Micrel Semiconductor MIC5207 Datasheet HTML 7Page - Micrel Semiconductor MIC5207 Datasheet HTML 8Page - Micrel Semiconductor MIC5207 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MIC5207
Micrel
January 2000
3
MIC5207
Electrical Characteristics
V
IN = VOUT + 1V; IL = 100µA; CL = 1.0µF; VEN ≥ 2.0V; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C except
0
°C ≤ T
J ≤ +125°C for 1.8V version; unless noted.
Symbol
Parameter
Conditions
Min
Typical
Max
Units
V
O
Output Voltage Accuracy
variation from specified V
OUT
–33
%
–44
%
∆V
O/∆T
Output Voltage
Note 4
40
ppm/
°C
Temperature Coefficient
∆V
O/VO
Line Regulation
V
IN = VOUT + 1V to 16V
0.005
0.05
%/V
0.10
%/V
∆V
O/VO
Load Regulation
I
L = 0.1mA to 150mA, Note 5
0.05
0.5
%
0.7
%
V
IN – VO
Dropout Voltage, Note 6
I
L = 100µA17
60
mV
80
mV
I
L = 50mA
115
175
mV
250
mV
I
L = 100mA
140
280
mV
325
mV
I
L = 150mA
165
300
mV
400
mV
I
GND
Quiescent Current
V
EN ≤ 0.4V (shutdown)
0.01
1
µA
V
EN ≤ 0.18V (shutdown)
5
µA
I
GND
Ground Pin Current, Note 7
V
EN ≥ 2.0V, IL = 100µA80
130
µA
170
µA
I
L = 50mA
350
650
µA
900
µA
I
L = 100mA
720
1100
µA
2000
µA
I
L = 150mA
1800
2500
µA
3000
µA
PSRR
Ripple Rejection
75
dB
I
LIMIT
Current Limit
V
OUT = 0V
320
500
mA
∆V
O/∆PD
Thermal Regulation
Note 8
0.05
%/W
e
no
Output Noise
I
L = 50mA, CL = 2.2µF,
260
nV Hz
470pF from BYP to GND
ENABLE Input
V
IL
Enable Input Logic-Low Voltage
regulator shutdown
0.4
V
0.18
V
V
IH
Enable Input Logic-High Voltage
regulator enabled
2.0
V
I
IL
Enable Input Current
V
IL ≤ 0.4V
0.01
–1
µA
V
IL ≤ 0.18V
–2
µA
I
IH
V
IH ≥ 2.0V
5
20
µA
V
IH ≥ 2.0V
25
µA
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3:
The maximum allowable power dissipation at any T
A (ambient temperature) is PD(max) = (TJ(max) – TA) ÷ θJA. Exceeding the maximum
allowable power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. The
θ
JA of the SOT-23-5
(M5) is 235
°C/W and the TO-92 (Z) is 180°C/W (0.4" leads) or 160°C/W (0.25" leads) soldered to a PC board. See “Thermal Considerations.”
Note 4:
Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
Note 5:
Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load regulation in the load
range from 0.1mA to 180mA. Changes in output voltage due to heating effects are covered by the thermal regulation specification.
Note 6:
Dropout voltage is the input to output differential at which the output voltage drops 2% below its nominal value measured at 1V differential.
Note 7:
Ground pin current is the regulator quiescent current plus pass transistor base current. The total current drawn from the supply is the sum of
the load current plus the ground pin current.
Note 8:
Thermal regulation is defined as the change in output voltage at a time “t” after a change in power dissipation is applied, excluding load or line
regulation effects. Specifications are for a 180mA load pulse at V
IN = 16V for t = 10ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com