Electronic Components Datasheet Search
  English  ▼

X  

MIC5207 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5207
Description  180mA Low-Noise LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5207 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5207 Datasheet HTML 1Page - Micrel Semiconductor MIC5207 Datasheet HTML 2Page - Micrel Semiconductor MIC5207 Datasheet HTML 3Page - Micrel Semiconductor MIC5207 Datasheet HTML 4Page - Micrel Semiconductor MIC5207 Datasheet HTML 5Page - Micrel Semiconductor MIC5207 Datasheet HTML 6Page - Micrel Semiconductor MIC5207 Datasheet HTML 7Page - Micrel Semiconductor MIC5207 Datasheet HTML 8Page - Micrel Semiconductor MIC5207 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MIC5207
Micrel
January 2000
1
MIC5207
General Description
The MIC5207 is an efficient linear voltage regulator with ultra-
low-noise output, very low dropout voltage (typically 17mV at
light loads and 165mV at 150mA), and very low ground
current (720
µA at 100mA output). The MIC5207 offers better
than 3% initial accuracy.
Designed especially for hand-held, battery-powered devices,
the MIC5207 includes a CMOS or TTL compatible enable/
shutdown control input. When shutdown, power consump-
tion drops nearly to zero.
Key MIC5207 features include a reference bypass pin to
improve its already low-noise performance, reversed-battery
protection, current limiting, and overtemperature shutdown.
The MIC5207 is available in fixed and adjustable output
voltage versions in a small SOT-23-5 package. Contact
Micrel for details.
For low-dropout regulators that are stable with ceramic
output capacitors, see the
µCap MIC5245/6/7 family.
Ordering Information
Part Number*
Marking
Voltage
Junction Temp. Range
Package
MIC5207BM5
LEAA
Adj
–40
°C to +125°C
SOT-23-5
MIC5207-1.8BM5
LE18
1.8
0
°C to +125°C
SOT-23-5
MIC5207-2.5BM5
LE25
2.5
–40
°C to +125°C
SOT-23-5
MIC5207-3.0BM5
LE30
3.0
–40
°C to +125°C
SOT-23-5
MIC5207-3.3BM5
LE33
3.3
–40
°C to +125°C
SOT-23-5
MIC5207-3.6BM5
LE36
3.6
–40
°C to +125°C
SOT-23-5
MIC5207-3.8BM5
LE38
3.8
–40
°C to +125°C
SOT-23-5
MIC5207-4.0BM5
LE40
4.0
–40
°C to +125°C
SOT-23-5
MIC5207-5.0BM5
LE50
5.0
–40
°C to +125°C
SOT-23-5
MIC5207-3.3BZ
—
3.3
–40
°C to +125°C
TO-92
* Other voltages available. Contact Micrel Marketing for information.
Typical Application
15
2
3
4
COUT = 2.2µF
tantalum
CBYP
(OPTIONAL)
Enable
Shutdown
Enable
VOUT
Low-Noise Operation:
CBYP = 470pF, COUT ≥ 2.2µF
MIC5207-x.xBM5
EN (pin 3) may be
connected directly
to IN (pin 1).
VIN
Battery-Powered Regulator Application
MIC5207
180mA Low-Noise LDO Regulator
Features
• Ultra-low-noise output
• High output voltage accuracy
• Guaranteed 180mA output
• Low quiescent current
• Low dropout voltage
• Extremely tight load and line regulation
• Very low temperature coefficient
• Current and thermal limiting
• Reverse-battery protection
•“Zero” off-mode current
• Logic-controlled electronic enable
Applications
• Cellular telephones
• Laptop, notebook, and palmtop computers
• Battery-powered equipment
• PCMCIA V
CC and VPP regulation/switching
• Consumer/personal electronics
• SMPS post-regulator/dc-to-dc modules
• High-efficiency linear power supplies
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com


Similar Part No. - MIC5207

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5207 MICROCHIP-MIC5207 Datasheet
2Mb / 24P
180 mA Low-Noise LDO Regulator
09/14/21
logo
Micrel Semiconductor
MIC5207-1.8BD5 MICREL-MIC5207-1.8BD5 Datasheet
407Kb / 13P
180mA Low-Noise LDO Regulator
MIC5207-1.8BM5 MICREL-MIC5207-1.8BM5 Datasheet
407Kb / 13P
180mA Low-Noise LDO Regulator
MIC5207-1.8YD5 MICREL-MIC5207-1.8YD5 Datasheet
407Kb / 13P
180mA Low-Noise LDO Regulator
logo
Microchip Technology
MIC5207-1.8YD5-TR MICROCHIP-MIC5207-1.8YD5-TR Datasheet
2Mb / 24P
180 mA Low-Noise LDO Regulator
09/14/21
More results

Similar Description - MIC5207

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2558 FAIRCHILD-FAN2558 Datasheet
307Kb / 15P
180mA Low Voltage CMOS LDO
logo
SHANGHAI BELLING CO., L...
BL8555 BELLING-BL8555 Datasheet
1Mb / 9P
Low noise 150mA LDO regulator
logo
RICOH electronics devic...
RP103X RICOH-RP103X Datasheet
411Kb / 29P
LOW NOISE 150mA LDO REGULATOR
logo
YOBON TECHNOLOGIES,INC.
YB1230 YOBON-YB1230 Datasheet
523Kb / 10P
Low-Noise LDO Regulator
YB1231 YOBON-YB1231 Datasheet
522Kb / 10P
Low-Noise LDO Regulator
logo
Micrel Semiconductor
MIC5207 MICREL-MIC5207_07 Datasheet
407Kb / 13P
180mA Low-Noise LDO Regulator
logo
Taiwan Semiconductor Co...
TS4268 TSC-TS4268_08 Datasheet
304Kb / 7P
180mA Fixed-Voltage Ultra Low LDO
logo
Unisonic Technologies
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
LOW NOISE 200mA LDO REGULATOR
logo
E-Tech Electronics LTD
LR1102 ETL-LR1102 Datasheet
490Kb / 12P
LOW NOISE 150mA LDO REGULATOR
logo
ON Semiconductor
FAN25800 ONSEMI-FAN25800 Datasheet
1Mb / 11P
Low-Noise, LDO Regulator
Rev. 1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com