Electronic Components Datasheet Search
  English  ▼

X  

MIC5207 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5207
Description  180mA Low-Noise LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5207 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5207 Datasheet HTML 1Page - Micrel Semiconductor MIC5207 Datasheet HTML 2Page - Micrel Semiconductor MIC5207 Datasheet HTML 3Page - Micrel Semiconductor MIC5207 Datasheet HTML 4Page - Micrel Semiconductor MIC5207 Datasheet HTML 5Page - Micrel Semiconductor MIC5207 Datasheet HTML 6Page - Micrel Semiconductor MIC5207 Datasheet HTML 7Page - Micrel Semiconductor MIC5207 Datasheet HTML 8Page - Micrel Semiconductor MIC5207 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MIC5207
Micrel
MIC5207
4
January 2000
Typical Characteristics
-100
-80
-60
-40
-20
0
1E+1 1E+2 1E+3 1E+4 1E+5 1E+6 1E+7
FREQUENCY (Hz)
Power Supply
Rejection Ratio
I
OUT = 100µA
C
OUT = 1µF
V
IN = 6V
V
OUT = 5V
10
100
1k
10k 100k 1M 10M
-100
-80
-60
-40
-20
0
1E+1 1E+2 1E+3 1E+4 1E+5 1E+6 1E+7
FREQUENCY (Hz)
Power Supply
Rejection Ratio
I
OUT = 100µA
C
OUT = 2.2µF
C
BYP = 0.01µF
V
IN = 6V
V
OUT = 5V
10
100
1k
10k 100k 1M 10M
0
10
20
30
40
50
60
0
0.1
0.2
0.3
0.4
VOLTAGE DROP (V)
Power Supply Ripple Rejection
vs. Voltage Drop
I
OUT = 100mA
10mA
1mA
C
OUT = 1µF
-100
-80
-60
-40
-20
0
1E+1 1E+2 1E+3 1E+4 1E+5 1E+6 1E+7
FREQUENCY (Hz)
Power Supply
Rejection Ratio
I
OUT = 1mA
C
OUT = 1µF
V
IN = 6V
V
OUT = 5V
10
100
1k
10k 100k 1M 10M
-100
-80
-60
-40
-20
0
1E+1 1E+2 1E+3 1E+4 1E+5 1E+6 1E+7
FREQUENCY (Hz)
Power Supply
Rejection Ratio
I
OUT = 1mA
C
OUT = 2.2µF
C
BYP = 0.01µF
V
IN = 6V
V
OUT = 5V
10
100
1k
10k 100k 1M 10M
0
10
20
30
40
50
60
70
80
90
100
0
0.1
0.2
0.3
0.4
VOLTAGE DROP (V)
Power Supply Ripple Rejection
vs. Voltage Drop
I
OUT = 100mA
10mA
1mA
C
OUT = 2.2µF
C
BYP = 0.01µF
-100
-80
-60
-40
-20
0
1E+1 1E+2 1E+3 1E+4 1E+5 1E+6 1E+7
FREQUENCY (Hz)
Power Supply
Rejection Ratio
I
OUT = 10mA
C
OUT = 1µF
V
IN = 6V
V
OUT = 5V
10
100
1k
10k 100k 1M 10M
-100
-80
-60
-40
-20
0
1E+1 1E+2 1E+3 1E+4 1E+5 1E+6 1E+7
FREQUENCY (Hz)
Power Supply
Rejection Ratio
I
OUT = 10mA
C
OUT = 2.2µF
C
BYP = 0.01µF
V
IN = 6V
V
OUT = 5V
10
100
1k
10k 100k 1M 10M
10
100
1000
10000
10
100
1000
10000
CAPACITANCE (pF)
Turn-On Time
vs. Bypass Capacitance
-100
-80
-60
-40
-20
0
1E+1 1E+2 1E+3 1E+4 1E+5 1E+6 1E+7
FREQUENCY (Hz)
Power Supply
Rejection Ratio
I
OUT = 100mA
C
OUT = 1µF
V
IN = 6V
V
OUT = 5V
10
100
1k
10k 100k 1M 10M
-100
-80
-60
-40
-20
0
1E+1 1E+2 1E+3 1E+4 1E+5 1E+6 1E+7
FREQUENCY (Hz)
Power Supply
Rejection Ratio
I
OUT = 100mA
C
OUT = 2.2µF
C
BYP = 0.01µF
V
IN = 6V
V
OUT = 5V
10
100
1k
10k 100k 1M 10M
0
40
80
120
160
200
240
280
320
0
40
80
120
160
OUTPUT CURRENT (mA)
Dropout Voltage
vs. Output Current
+125
°C
+25
°C
–40
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com