Electronic Components Datasheet Search
  English  ▼

X  

MIC5207 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5207
Description  180mA Low-Noise LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5207 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC5207 Datasheet HTML 4Page - Micrel Semiconductor MIC5207 Datasheet HTML 5Page - Micrel Semiconductor MIC5207 Datasheet HTML 6Page - Micrel Semiconductor MIC5207 Datasheet HTML 7Page - Micrel Semiconductor MIC5207 Datasheet HTML 8Page - Micrel Semiconductor MIC5207 Datasheet HTML 9Page - Micrel Semiconductor MIC5207 Datasheet HTML 10Page - Micrel Semiconductor MIC5207 Datasheet HTML 11Page - Micrel Semiconductor MIC5207 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MIC5207
Micrel
January 2000
9
MIC5207
Package Information
0.20 (0.008)
0.09 (0.004)
0.60 (0.024)
0.10 (0.004)
3.02 (0.119)
2.80 (0.110)
10
°
0
°
3.00 (0.118)
2.60 (0.102)
1.75 (0.069)
1.50 (0.059)
0.95 (0.037) REF
1.30 (0.051)
0.90 (0.035)
0.15 (0.006)
0.00 (0.000)
DIMENSIONS:
MM (INCH)
0.50 (0.020)
0.35 (0.014)
1.90 (0.075) REF
SOT-23-5 (M5)
3
2
1
10
° typ.
5
° typ.
5
° typ.
0.185 (4.699)
0.175 (4.445)
0.185 (4.699)
0.175 (4.445)
0.085 (2.159) Diam.
0.500 (12.70) Min.
0.090 (2.286) typ.
0.0155 (0.3937)
0.0145 (0.3683)
Seating Plane
0.025 (0.635) Max
Uncontrolled
Lead Diameter
0.016 (0.406)
0.014 (0.356)
0.105 (2.667)
0.095 (2.413)
0.055 (1.397)
0.045 (1.143)
0.090 (2.286) Radius, typ.
0.145 (3.683)
0.135 (3.429)
0.055 (1.397)
0.045 (1.143)
BOTTOM VIEW
TO-92 (Z)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com