Electronic Components Datasheet Search
  English  ▼

X  

MIC8030 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC8030
Description  High-Voltage Display Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC8030 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC8030 Datasheet HTML 1Page - Micrel Semiconductor MIC8030 Datasheet HTML 2Page - Micrel Semiconductor MIC8030 Datasheet HTML 3Page - Micrel Semiconductor MIC8030 Datasheet HTML 4Page - Micrel Semiconductor MIC8030 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MIC8030
8-16
October 1998
MIC8030
Micrel
General Description
The MIC8030 is a CMOS high voltage liquid crystal display
driver. Up to 38 segments can be driven from four CMOS level
inputs (CLOCK, DATA IN, LOAD and CHIP SELECT). The
MIC8030 is rated at 50V. Data is loaded serially into a shift
register, and transferred to latches which hold the data until
new data is received.
The backplane can be driven from external source, or the
internal oscillator can be used. If the internal oscillator is
used, the frequency of the backplane will be determined by an
external resistor and capacitor. The oscillator need not be
used if a DC output is desired.
Ordering Information
Part Number
Temperature Range Package
MIC8030-01CV
0
°C to +70°C
44-pin PLCC
MIC8030
High-Voltage Display Driver
Features
• High Voltage Outputs capable of a driving up to 100 volt
outputs from 5 to 15 volt logic
• Drives 30, 32, or 38 segments
• Cascadable
• On chip Oscillator or External Backplane Input
• CMOS construction for wide supply range and low
power consumption
• Schmitt Triggers on all inputs
• CMOS, PMOS, and NMOS compatible
Applications
• Dichroic and Standard Liquid Crystal Displays
• Flat Panel Displays
• Print Head Drives
• Vacuum Fluorescent Displays
Functional Diagram
Data
S
Clock
S
CS
S
Load
S
38 Bit Static Shift Register
38 Bit Latch
LCD0
LCD0 Opt
Oscillator
Voltage Translators
Voltage
Translator
HV Output
Driver
Back Plane
HV Output Drivers
Segments
Data Out 38
Data Out 32
Data Out 30


Similar Part No. - MIC8030

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC803 MICREL-MIC803 Datasheet
258Kb / 10P
3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
MIC803 MICREL-MIC803 Datasheet
612Kb / 12P
3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
MIC803-26D2VC3 MICREL-MIC803-26D2VC3 Datasheet
258Kb / 10P
3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
MIC803-26D2VC3 MICREL-MIC803-26D2VC3 Datasheet
612Kb / 12P
3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
MIC803-26D2VM3 MICREL-MIC803-26D2VM3 Datasheet
258Kb / 10P
3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
More results

Similar Description - MIC8030

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8050 HOLTIC-HI-8050 Datasheet
247Kb / 8P
CMOS HIGH VOLTAGE DISPLAY DRIVER
logo
National Semiconductor ...
MM58348 NSC-MM58348 Datasheet
142Kb / 6P
MM58348 High Voltage Display Driver
MM58241 NSC-MM58241 Datasheet
150Kb / 8P
MM58241 High Voltage Display Driver
MM58341 NSC-MM58341 Datasheet
147Kb / 6P
High Voltage Display Driver
MM58242 NSC-MM58242 Datasheet
137Kb / 6P
High Voltage Display Driver
MM58248 NSC-MM58248 Datasheet
156Kb / 6P
High Voltage Display Driver
logo
Holt Integrated Circuit...
HI-8050 HOLTIC-HI-8050_03 Datasheet
95Kb / 8P
CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8040 HOLTIC-HI-8040_07 Datasheet
90Kb / 6P
CMOS High Voltage Display Driver
logo
Texas Instruments
MM58342 TI1-MM58342 Datasheet
229Kb / 7P
High Voltage Display Driver
logo
Holt Integrated Circuit...
HI-8045 HOLTIC-HI-8045_11 Datasheet
77Kb / 6P
CMOS High Voltage Display Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com