Electronic Components Datasheet Search
  English  ▼

X  

MIC8030 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC8030
Description  High-Voltage Display Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC8030 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC8030 Datasheet HTML 1Page - Micrel Semiconductor MIC8030 Datasheet HTML 2Page - Micrel Semiconductor MIC8030 Datasheet HTML 3Page - Micrel Semiconductor MIC8030 Datasheet HTML 4Page - Micrel Semiconductor MIC8030 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
October 1998
8-19
MIC8030
MIC8030
Micrel
8
DC Electrical Characteristics: VCC = 5V, VSS = 0V, VBB = 50V, –55°C ≤ TA ≤ +125°C, unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
Power Supply
V
CC
Logic Supply Voltage
4.5
5
5.5
V
V
BB
Display Supply Voltage
20
35
50
V
I
CC
Supply Current (external oscillator)
Note 1
35
250
µA
Supply Current (internal oscillator)
Note 1
35
250
µA
I
BB
Display Driver Current
f
BP = 100Hz, no loads
7
100
µA
Inputs (CLK, DATA IN, LOAD, CS)
V
IH
Input High Level
V
CC-1.5 VCC-1.8
V
CC
V
V
IL
Input Low Level
0
2.5
2.0
V
I
L
Input Leakage Current
<1
5
µA
C
I
Input Capacitance
Note 2
510
pF
Input LCD0
V
IH
LCD0 Input High Level
Externally driven
0.9V
CC
V
CC
50
V
V
IL
LCD0 Input Low Level
Externally driven
–0.5V
0
0.1V
CC
V
I
LCD0
LCD0 Leakage Current
V
LCD0 = 15V
2
10
µA
I
LCD0
LCD0 Leakage Current
V
LCD0 = 35V
6
100
µA
I
LCD0
LCD0 Leakage Current
V
LCD0 = 50V
1
mA
Capacitance Loads (typical)
C
LSEG
Segment Output
f
BP < 100Hz
100
pF
C
LBP
Backplane Output
f
BP < 100Hz
4000
pF
V
OAVG
DC Bias (Average) Any Segment
f
BP < 100Hz, Note 2
+25
mV
Output to Backplane
R
SEG
Segment Output Impedance
I
L = 100µA
1.4
10
k
Ω
R
BP
Backplane Output Impedance
I
L = 100µA
170
312
Ω
R
DATA OUT
Data Out Output Impedance
I
L = 100µA
1.8
3
k
Ω
Note 1: CMOS input levels. No loads.
Note 2: Guaranteed by design but not tested on a production basis.
Absolute Maximum Ratings
VCC
18V
VBB (MIC8030)
75V
Inputs (CLK, DATA IN, LOAD, CS)
–0.5V to 18V
Inputs (LCD0)
–0.5V to 50V
Storage Temperature
–65
°C to +150°C
Operating Temperature
–55
°C to +125°C
Maximum Current into and out of
any segment
20 mA
Maximum Power Dissipation,
any segment
50 mW
Maximum Total power dissipation
600 mW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com