Electronic Components Datasheet Search
  English  ▼

X  

MIC8030 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC8030
Description  High-Voltage Display Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC8030 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC8030 Datasheet HTML 1Page - Micrel Semiconductor MIC8030 Datasheet HTML 2Page - Micrel Semiconductor MIC8030 Datasheet HTML 3Page - Micrel Semiconductor MIC8030 Datasheet HTML 4Page - Micrel Semiconductor MIC8030 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MIC8030
8-18
October 1998
MIC8030
Micrel
Load Clock CS
Data In
Data Out
MIC8030
LCD0
BP
Load Clock CS
Data In
Data Out
MIC8030
LCD0
BP
Load Clock CS
Data In
Data Out
MIC8030
LCD0
BP
Data
Chip Select
Clock
Load
Segments
1-32
Segments
33-64
Segments
65-96
Back Plane
LCD0 Opt
150k
Ω
470pF
*330k
Ω
*Required if using MIC8031 with V
> 50V.
BB
Internal Oscillator Circuit
Typical Application
External Oscillator
Internal Oscillator
200k
Ω
–
LCD0
LCD0 Opt
+
–
+
–
+
200k
Ω
200k
Ω
200k
Ω
30
k
Ω
V
35V
Z
V
65V
Z
1k
Ω
Clock
Reset
Divide by
256
Counter
Q
Q
O
VCC
Load Clock
CS
Data In
Data Out
MIC8030
LCD0
BP
Load Clock
CS
Data In
Data Out
MIC8030
LCD0
BP
Load Clock
CS
Data In
Data Out
MIC8030
LCD0
BP
Data
Chip Select
Clock
Load
Segments
1-32
Segments
33-64
Segments
65-96
Back Plane



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com