Electronic Components Datasheet Search
  English  ▼

X  

MIC8030 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC8030
Description  High-Voltage Display Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC8030 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC8030 Datasheet HTML 1Page - Micrel Semiconductor MIC8030 Datasheet HTML 2Page - Micrel Semiconductor MIC8030 Datasheet HTML 3Page - Micrel Semiconductor MIC8030 Datasheet HTML 4Page - Micrel Semiconductor MIC8030 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MIC8030
8-20
October 1998
MIC8030
Micrel
AC Electrical Characteristics: VCC = 5V, VSS = 0V, VBB = 50V, –55°C ≤ TA ≤ +125°C
Symbol
Parameter
Min
Typ
Max
Units
tCYC
Cycle Time
500
ns
tOL, tOH
Clock Pulse Width low/high
250
ns
tr, tf
Clock rise/fall
1
µs
tDS
Data In Setup
100
ns
tCSC
CS Setup to Clock
100
ns
tDH
Data Hold
10
ns
tCCS
CS Hold
220
ns
tCL
Load Pulse Setup
250
ns
tLCS
CS Hold (rising load to rising CS)
200
ns
tLW
Load Pulse Width
300
ns
tLC
Load Pulse Delay (falling load to
0
ns
falling clock)
tCDO
Data Out Valid from Clock
220
ns
tCSL
CS Setup to LOAD
0
ns
FBP
Backplane Frequency
50
100
2000
Hz
Timing Diagram
Clock
tf
3.5V
1.5V
tCYC
tOH
tDH
tDS
tOL
tCSC
tCCS
tLCS
tCSL
tCL
tLW
tLC
tCDO
Data
In
CS
Load
Data
Out
**
* The CS high-to-low transition will generate a clock pulse.
tr
Logic Truth Table
Data
Chip
In
Clock Select Load Q1(SR)
QN(SR)
QN(DRIVER)
X
X
1
X
NC
NC
QN(L)
0
↑
0
0
NC
NC
QN(L)
0
↑
0
1
NC
NC
QN(L)
0
↓
000
QN - 1→QN
QN(L)
0
↓
010
QN - 1→QN
QN(SR)
1
↑
0
0
NC
NC
QN(L)
1
↑
0
1
NC
NC
QN(L)
1
↓
001
QN - 1→QN
QN(L)
1
↓
011
QN - 1→QN
QN(SR)
↑ = Rising Edge, ↓ = Falling Edge



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com