Electronic Components Datasheet Search
  English  ▼

X  

MICRF001 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MICRF001
Description  QwikRadiotm Receiver/Data Demodulator Advance Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF001 Datasheet(HTML) 6 Page - Micrel Semiconductor

  MICRF001 Datasheet HTML 1Page - Micrel Semiconductor MICRF001 Datasheet HTML 2Page - Micrel Semiconductor MICRF001 Datasheet HTML 3Page - Micrel Semiconductor MICRF001 Datasheet HTML 4Page - Micrel Semiconductor MICRF001 Datasheet HTML 5Page - Micrel Semiconductor MICRF001 Datasheet HTML 6Page - Micrel Semiconductor MICRF001 Datasheet HTML 7Page - Micrel Semiconductor MICRF001 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
QwikRadio
tm
6
June 1998
MICRF001
MICRF001
Micrel
External Control Signals and Mode Selection
For applications where the transmit frequency is accurately
set for other reasons (e.g., applications where a SAW
transmitter is used for its mechanical stability), the user may
choose
to
configure
the
MICRF001
as
a
standard
superheterodyne receiver (FIXED mode), mitigating the
aforementioned problem of a competing close-in signal. This
can be accomplished by tying SWEN to ground. Doing so
forces the on-chip LO frequency to a fixed value. In such a
case, the ceramic resonator would be replaced with a crystal.
Generally, however, the MICRF001 can be operated with a
ceramic resonator adequately, no matter whether the
transmitter is LC or SAW based.
Slicing Level and the CTH Capacitor
Extraction of the DC value of the demodulated signal for
purposes of logic-level data slicing is accomplished by
external capacitor CTH and the on-chip switched-cap
“resistor” RSC, indicated in the block diagram. The effective
resistance of RSC varies in the same way as the
Demodulator filter bandwidth, in four binary steps, from
approximately 1600k
Ω to 200kΩ. Once the filter bandwidth
is selected, this “resistance” is determined; then the value of
capacitor CTH is easily calculated, once the slicing level
time-constant is chosen.
Values vary somewhat with
decoder type, but typical Slicing Level time constants range
5-50msec.
Optimization of the CTH value is required to
maximize range, as discussed in “Application Note 22,
MICRF001 Theory of Operation”, section 6.4.
AGC Function and the CAGC Capacitor
The signal path has automatic gain control (AGC) to increase
input dynamic range. An external capacitor, CAGC, must be
applied to set the AGC attack and decay time-constants.
With the addition of only a capacitor, the ratio of decay-to-
attack time-constant is fixed at 10:1 (i.e., the attack time
constant is 1/10th the decay time constant), and this ratio
cannot be changed by the user. However, the attack time
constant is selectable by the user through the value of
capacitor CAGC. By adding resistance from the CAGC pin
to VDDBB or VSSBB in parallel with the CAGC capacitor, the
ratio of decay-to-attack time-constant may be varied. See
“Application Note 22, MICRF001 Theory of Operation”.
Reference Oscillator (REFOSC) and External Timing
Element
All timing and tuning operations on the MICRF001 are
derived from the REFOSC function. This function is a single-
pin Colpitts-type oscillator. The user may handle this pin in
one of three possible ways:
(1) connect a ceramic resonator, or
(2) connect a crystal, or
(3) drive this pin with an external timing signal.
The third approach is attractive for further lowering system
cost if an accurate reference signal exists elsewhere in the
system (e.g., a reference clock from a crystal or ceramic
resonator-based microprocessor), and flexibility exists in the
choice of system transmit frequency. An externally applied
signal should be AC-coupled, and resistively-divided down
(or otherwise limited) to approximately 0.5Vpp. The specific
reference frequency required is related to the system
transmit frequency, and the operating mode of the device as
set by the SWEN control pin.
See “Application Note 22,
MICRF001 Theory of Operation” for a discussion of
frequency selection and accuracy requirements.
I/O Pin Interface Circuitry
Interface circuitry for the various I/O pins of the MICRF001 is
shown in Figures 1 through 6. Specific information regarding
each of these circuits is discussed in the following sub-
paragraphs.
Not shown are ESD protection diodes which
are applied to all input pins.
1. ANT Pin
The ANT pin is internally AC-coupled via a 3pF capacitor, to
an RF N-channel MOSFET, as shown in Figure 1.
Impedance on this pin to VSS is quite high at low
frequencies, and decreases as frequency increases. In the
UHF frequency range, the device input can be modeled as
6.3k
Ω in parallel with 2pF (pin capacitance) shunt to VSSRF.
2. CTH Pin
Figure 2 illustrates the CTH pin interface circuit. CTH pin is
driven from a P-channel MOSFET source-follower biased
with approximately 20µA of bias current. Transmission gates
TG1 and TG2 isolate the 3.3pF capacitor. Internal control
signals PHI1/PHI2 are related in a manner such that the
impedance across the transmission gates looks like a
“resistance”.
The DC potential on the CTH pin is
approximately 2.2V, fundamentally determined by the Vgs of
the two P-channel MOSFET source-followers shown.
Figure 1 ANT Pin



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com