Electronic Components Datasheet Search
  English  ▼

X  

MICRF001 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MICRF001
Description  QwikRadiotm Receiver/Data Demodulator Advance Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF001 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MICRF001 Datasheet HTML 1Page - Micrel Semiconductor MICRF001 Datasheet HTML 2Page - Micrel Semiconductor MICRF001 Datasheet HTML 3Page - Micrel Semiconductor MICRF001 Datasheet HTML 4Page - Micrel Semiconductor MICRF001 Datasheet HTML 5Page - Micrel Semiconductor MICRF001 Datasheet HTML 6Page - Micrel Semiconductor MICRF001 Datasheet HTML 7Page - Micrel Semiconductor MICRF001 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
QwikRadio
tm
3
June 1998
MICRF001
MICRF001
Micrel
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDDRF, VDDBB)...................................+7V
Voltage on any I/O Pin...........................VSS-0.3 to VDD+0.3
Junction Temperature.................................................+150
°C
Storage Temperature Range......................-65
°C to + 150°C
Lead Temperature (soldering, 10 seconds)..............+ 300
°C
Operating Ratings
Supply Voltage (VDDRF, VDDBB)....................4.75V to 5.5V
Ambient Operating Temperature (TA)............-40
°C to +85°C
Package Thermal Resistance
θja (14 Pin DIP)..........90°C/W
Electrical Characteristics
Unless otherwise stated, these specifications apply for Ta=-40
°C to 85°C, 4.75<VDD<5.5V. All voltages are with respect to
Ground. CAGC = CTH = .047µF, VDDRF= VDDBB = VDD. REFOSC frequency = 2.442MHz.
Parameter
Test Conditions
MIN
TYP
MAX
UNITS
Power Supply
Operating Current
Ta= 25
°C
6.3
mA
Operating Current
Reference Oscillator powered down
2
mA
RF/IF Section
Receiver Sensitivity
Note 1, 3
-95
dBm
IF Center Frequency
2.25
MHz
IF Bandwidth
Note 3
1.0
MHz
Receive Data Rate
0.1
4.8
kbps
RF Input Range
300
440
MHz
Receive Modulation Duty-Cycle
20
80
%
Maximum Receiver Input
Rs = 50
Ω
-20
dBm
Spurious Reverse Isolation
ANT pin, Rs = 50
Ω Note 2
30
µVrms
AGC Attack / Decay ratio
T(Attack) / T(Decay)
0.1
Oscillator Turn-on Time
0.1
s
Demod Section
CTH Source Impedance
SEL0=SEL1=VDD, See Table 1
200k
Ω
CTH Source Impedance Variation
-15
+15
%
Digital Section
REFOSC Input Impedance
200k
Ω
Input Pullup Impedance
SEL0, SEL1, SWEN
1000k
Ω
Output Current
DO pin, Push-Pull
10
µA
Output High Voltage
DO pin, Iout = 1µA
0.9VDD
V
Output Low Voltage
DO pin, Iout = 1µA
0.1VDD
V
Output Tr, Tf
DO pin, Cload=15pF
10
µsec
Note 1:
Sensitivity is defined as the average signal level measured at the input necessary to achieve 10e-2 Bit Error Rate (BER). The
input signal is defined as a return-to-zero (RZ) waveform with 50% average duty cycle at a data rate of 2400bps. The RF input
is assumed to be matched into 50
Ω.
Note 2:
Spurious reverse isolation represents the spurious components which appear on the RF input (ANT) pin measured into 50
Ω
with an input RF matching network.
Note 3:
Sensitivity, a commonly specified Receiver parameter, provides an indication of the Receiver’s input referred noise, generally
input thermal noise. However, it is possible for a more sensitive receiver to exhibit range performance no better than that of a
less sensitive receiver, if the “ether” noise is appreciably higher than the thermal noise. “Ether” noise refers to other interfering
“noise” sources, such as FM radio stations, pagers, etc.
A better indicator of receiver range performance is usually given by its Selectivity, often stated as Intermediate Frequency (IF)
or Radio Frequency (RF) bandwidth, depending on receiver topology. Selectivity is a measure of the rejection by the receiver
of “ether” noise. More selective receivers will almost invariably provide better range. Only when the receiver selectivity is so
high that most of the noise on the receiver input is actually thermal will the receiver demonstrate sensitivity-limited
performance.
This device is ESD sensitive: Meets Class 1 ESD test
requirements (Human Body Model, HBM), in accordance with
MIL-STD-883C, Method 3015. Do not operate or store near
strong electrostatic fields. Use appropriate ESD precautions.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com