Electronic Components Datasheet Search
  English  ▼

X  

MICRF001 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MICRF001
Description  QwikRadiotm Receiver/Data Demodulator Advance Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF001 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MICRF001 Datasheet HTML 1Page - Micrel Semiconductor MICRF001 Datasheet HTML 2Page - Micrel Semiconductor MICRF001 Datasheet HTML 3Page - Micrel Semiconductor MICRF001 Datasheet HTML 4Page - Micrel Semiconductor MICRF001 Datasheet HTML 5Page - Micrel Semiconductor MICRF001 Datasheet HTML 6Page - Micrel Semiconductor MICRF001 Datasheet HTML 7Page - Micrel Semiconductor MICRF001 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
QwikRadio
tm
5
June 1998
MICRF001
MICRF001
Micrel
Block Diagram
Functional Description
The block diagram illustrates the basic structure of the
MICRF001.
Identified in the figure are the three principal
functional blocks of the IC, namely (1) UHF Downconverter,
(2) OOK Demodulator, and (3) Reference and Control. Also
shown in the figure are two capacitors (CTH, CAGC) and
one timing component (CR), usually a ceramic resonator.
With the exception of a supply decoupling capacitor, these
are all the external components needed with the MICRF001
to construct a complete UHF receiver. Three control inputs
are shown in the block diagram, SEL0, SEL1 and SWEN.
Through these logic inputs the user can control the operating
mode and programmable functions of the IC. These inputs
are CMOS compatible, and are pulled-up on the IC.
The
inputs SEL0, SEL1 control the Demodulator filter bandwidth
in four binary steps from approximately 0.6kHz to 4.8kHz,
and the user must select the bandwidth appropriate to his
needs.
The SWEN pin allows the device to be configured in either its
normal (SWP) operating mode, or in standard (FIXED)
superheterodyne receiver mode. SWP operation is selected
when SWEN is HIGH, and is the default mode for the IC. An
example of SWP operation would be where the MICRF001
must operate with LC-based transmitters, whose transmit
frequency may vary up to
± 0.5% over initial tolerance, aging,
and temperature.
In this (patent-pending) mode, the LO
frequency is varied in a prescribed fashion which results in
downconversion of all signals in a band 2-3% around the
transmit frequency.
So the Transmitter may drift up to
±
0.5% without the need to retune the Receiver, and without
impacting system performance.
Such performance is not
achieved
with
currently
available
crystal-based
superheterodyne receivers, which can operate only with
SAW or crystal based transmitters.
[Note: A range penalty will occur in installations where there
exists a competing signal of sufficient strength in this small
frequency band of 2-3%. This penalty also exists with super-
regenerative type receivers, as their RF bandwidth is also
generally 2-3%. So any application for a super-regenerative
receiver is also an application for the MICRF001.]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com