Electronic Components Datasheet Search
  English  ▼

X  

MICRF001 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MICRF001
Description  QwikRadiotm Receiver/Data Demodulator Advance Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF001 Datasheet(HTML) 8 Page - Micrel Semiconductor

  MICRF001 Datasheet HTML 1Page - Micrel Semiconductor MICRF001 Datasheet HTML 2Page - Micrel Semiconductor MICRF001 Datasheet HTML 3Page - Micrel Semiconductor MICRF001 Datasheet HTML 4Page - Micrel Semiconductor MICRF001 Datasheet HTML 5Page - Micrel Semiconductor MICRF001 Datasheet HTML 6Page - Micrel Semiconductor MICRF001 Datasheet HTML 7Page - Micrel Semiconductor MICRF001 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
QwikRadio
tm
8
June 1998
MICRF001
MICRF001
Micrel
MICREL INC. 1849 FORTUNE DRIVE SAN JOSE, CA 95131 USA
TEL
+ 1 (408) 944-0800 FAX + 1 (408) 944-0970 WEB http://www.micrel.com
This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or other
rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent right of Micrel Inc. This is preliminary
information and a final specification has not been completed.
Before making any final design determination, consult with Micrel for final
specifications.
Typical Application
The Figure below illustrates a typical application for the MICRF001 UHF Receiver IC. Operation in this example is at 387MHz,
and may be customized by selection of the appropriate reference frequency (CR1), and adjustment of the antenna length. The
value of C4 would also change, if the optional input filter is used. Changes from the 1kbps data rate may require a change in
the value of R1. The Bill of Materials is shown in the accompanying chart.
Bill of Materials
Item
Part Number
Manufacturer
Description
U1
MICRF001
Micrel
UHF Receiver
U2
HT-12D
Holtek
Logic decoder
CR1
CSA3.00MG
Murata
3.00MHz Cer. Res.
D1
SSF-LX100LID
Lumex
RED LED
R1
Bourns
68k, 1/4W ,5%
R2
Bourns
1k,1/4W, 5%
C1
Panasonic
4.7µF, Dip Tant. Cap
C2, C3
Panasonic
0.47µF, Dip Tant. Cap
C4
Panasonic
8.2pF, COG Cer. Cap
Vendor
Telephone
Fax
Bourns
(909) 781-5500
(909) 781-5273
Holtek
(408) 894-9046
(408) 894-0838
Lumex
(800) 278-5666
(847) 359-8904
Murata
(800) 241-6574
(770) 436-3030
Panasonic
(201) 348-7000
(201) 348-8164
Typical MICRF001 Application
387 MHz Operating Frequency
1kbps Operation
6-Bit Address Decode



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com